Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA4605 Datasheet(PDF) 4 Page - STMicroelectronics

Part # TDA4605
Description  CONTROL CIRCUIT FOR SWITCH MODE POWER SUPPLIES USING MOS TRANSISTORS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA4605 Datasheet(HTML) 4 Page - STMicroelectronics

  TDA4605 Datasheet HTML 1Page - STMicroelectronics TDA4605 Datasheet HTML 2Page - STMicroelectronics TDA4605 Datasheet HTML 3Page - STMicroelectronics TDA4605 Datasheet HTML 4Page - STMicroelectronics TDA4605 Datasheet HTML 5Page - STMicroelectronics TDA4605 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
ELECTRICAL CHARACTERISTICS (VCC = 10V, Tamb =25
oC, unless otherwise specified) (continued)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
GENERALLY VALID DATA (V6 = 10V)
VOLTAGE OF THE ZERO Transition DETECTOR
V8P
Positive Clamping Voltage
I8 = 1mA
0.75
V
V8N
Negative Clamping Voltage
I8 = -1mA
-0.2
V
V8S
Threshold Value
40
50
mV
TUL
Suppression of Transformer Ringing
3
3.8
4.5
µs
-I8
Input Current
V8 =0
0
4
µV
PUSH-PULL OUTPUT STAGE
SATURATION VOLTAGES
VSatU
Pin 5 Sourcing
I5 = -0.1A
1.5
2.0
V
VSatU
Pin 5 Sinking
I5 = +0.1A
1.0
1.2
V
VSatU
Pin 5 Sinking
I5 = +0.5A
1.4
1.8
V
OUTPUT SLOW RATE
+dV5/dt
Rising Edge
70
V/
µs
-dV5/dt
Falling Edge
100
V/
µs
REDUCTION OF CONTROL VOLTAGE
-I1
Current to reduce the Control Voltage
V7 =1V
50
µA
PROTECTION CIRCUIT
V6(Min.)
Undervoltage Protection for V6 :
Voltage at Pin 5 = V5(Min.) if V6 <V6(Min.)
7.0
7.25
7.5
V
V6(Max.)
Overvoltage Protection for V6 :
Voltage at Pin 5 = V5(Min.) if V6 >V6(Max.)
15
16
16.5
V
V3A
Undervoltage Protection for VAC :
Voltage at Pin 5 = V5(Min.) if V3 <V3A
V2 = 0V
970
1005
1040
mV
Oj
Over Temperature : at the given chip temperature the
IC will switch V5 to V5(Min.)
150
oC
V3Sat
Voltage at Pin 3 if one of the protection functions was
triggered ; (V3 will be clamped until V6 <V6A)
I3 = 750
µA
0.4
0.8
V
I6
Current Drain during Burst Operation
V3 =V2 =0V
8
mA
FUNCTIONAL DESCRIPTION
In free running fly-back converters, the TDA4605
assumes control of a MOS power transistor and all
necessary regulation and monitoring functions.
The serial circuit of power transistor and primary
winding of the flyback transformer is connected to
the input voltage. During the switch-on period of the
transistor, energy is stored in the transformer and
during the switch-off period it is fed to te load via
the secondary winding. By varing the switch-on
time of the power transistor, the IC controls each
portion of energy transferred to the secondary side
such that the output voltage remains nearly inde-
pendent of load variations.
The required control information is taken from the
input voltage during the switch-on period and from
a regulation winding during the switch-off period. A
new cycle begins as soon as the energy stored in
the transformer has been totally delivered to the
secondary side.
In different load ranges, the SMPS will behave as
follows :
- No-Load Operation : The power supply unit
oscillates in non continuous mode at a typical
frequency of 20 to 40kHz. Depending upon the
transformer winding and the regulated voltage
divider, the output voltage can be slightly above
the nominal value.
- Normal Operation : Starting from typ. 200kHz,
the switching frequency falls with increasing load
and decreasing AC voltage. The duty cycle de-
pends primarily on the AC voltage. The output
voltage is only slightly load-dependen t.
- OverloadPoint : Maximum output power is avail-
able at this point of the output characteristics
- Overload : The energy transferred per operation
cycle is limited at the top. Therefore, the output
voltage will fall with secondary oveloading.
TDA4605
4/6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com