Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA4950 Datasheet(PDF) 2 Page - STMicroelectronics

Part # TDA4950
Description  TV EAST/WEST CORRECTION CIRCUIT
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA4950 Datasheet(HTML) 2 Page - STMicroelectronics

  TDA4950 Datasheet HTML 1Page - STMicroelectronics TDA4950 Datasheet HTML 2Page - STMicroelectronics TDA4950 Datasheet HTML 3Page - STMicroelectronics TDA4950 Datasheet HTML 4Page - STMicroelectronics TDA4950 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
4
5
6
7
8
Q15
Q16
Q14
Q18
Q17
R2
R4
D1
Q13
R5
OUTPUT
Q12
R6
R7
Q21
Q19
Q20
R8
R3
OP2
COMPARATOR AND OUTPUT STAGE
Q4
Q13
Q2
Q1
CURRENT LIMITER
R5
Q5
OP1
Q6
Q7
Q8
Q9
Q10
Q11
R9
R10
R11
R12
R13
2
1
OP3
D2
D3
Z1
Q22
3
FULL-WAVE RECTIFIER
PARABOLA NETWORK
CURRENT REFERENCE
GND
+V
S
I
IN
V
S - 6 VBE
V
S - 3 VBE
I
REF
V
REF
TDA4950
BLOCK DIAGRAM
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
VS
Supply Voltage
35
V
IS
Supply Current
500
mA
Ptot
Power Dissipation at Tamb = 70
°C
800
mW
Tstg, Tj
Storage and Junction Temperature
– 25, +150
°C
THERMAL DATA
Symbol
Parameter
Value
Unit
Rth (j-a)
Thermal Resistance Junction-ambient
Max.
100
°C/W
Rth (j-c)
Thermal Resistance Junction-pin (4)
Max.
70
°C/W
ELECTRICAL CHARACTERISTICS (Tamb = 25
oC, VS = 26 V, Vfr = 0, S1 and S2 in "a" position,
refer to test circuit unless otherwise specified)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VS
Supply Voltage
17
24
30
V
IS
Supply Current
4.5
7
mA
Vref
Internal Reference Voltage
7.6
8.0
8.8
V
– Iref
Internal Reference Current
Vref/R3
0.73
mA
V7(A)
Pin 7 Output Voltage
Ifr = 0
µA, see Figure 2
15.3
16.0
16.7
V
V7(B)
Pin 7 Output Voltage
Ifr = 30
µA, see Figure 2
15
V
TDA4950
2/5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com