Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA4950 Datasheet(PDF) 4 Page - STMicroelectronics

Part # TDA4950
Description  TV EAST/WEST CORRECTION CIRCUIT
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA4950 Datasheet(HTML) 4 Page - STMicroelectronics

  TDA4950 Datasheet HTML 1Page - STMicroelectronics TDA4950 Datasheet HTML 2Page - STMicroelectronics TDA4950 Datasheet HTML 3Page - STMicroelectronics TDA4950 Datasheet HTML 4Page - STMicroelectronics TDA4950 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
LM
5
TDA4950
R5
RT3
1k
Ω
Hfly
from L.T.
Keystone
Adj.
Line Transformer
(L.T.)
Pin 1
Voltage
H. Width
Pin-cushion
adjustment
L1
10mH
R3
RT2
4.7k
Ω
47k
Ω
7
2
1
3
4
8
6
C1
47nF
R4
18k
Ω
V
S
C2
100nF
D1
1N4148
C3
4.7nF
R2
12k
Ω
RT1
100k
Ω
R1 =
V
FRAME
66
µA
PP
V
FRAME
Figure 3 : Application Circuit with Keystone Correction
HFLY
TO LM
GND
D1
C3
C1
R4
R3
L1
C2
RT2
RT1
R2
R1
R5
RT3
V
FRAME
V
S
Figure 4 : P.C. Board and Component Layout of the Circuit of Figure 3 (1:1 scale)
TDA4950
4/5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com