Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

41HFR10 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # 41HFR10
Description  Standard Recovery Diodes, (Stud Version), 40 A
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

41HFR10 Datasheet(HTML) 3 Page - Vishay Siliconix

  41HFR10 Datasheet HTML 1Page - Vishay Siliconix 41HFR10 Datasheet HTML 2Page - Vishay Siliconix 41HFR10 Datasheet HTML 3Page - Vishay Siliconix 41HFR10 Datasheet HTML 4Page - Vishay Siliconix 41HFR10 Datasheet HTML 5Page - Vishay Siliconix 41HFR10 Datasheet HTML 6Page - Vishay Siliconix 41HFR10 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Document Number: 93513
For technical questions, contact: ind-modules@vishay.com
www.vishay.com
Revision: 23-Jun-08
3
40HF(R) Series
Standard Recovery Diodes,
(Stud Version), 40 A
Vishay High Power Products
Note
• The table above shows the increment of thermal resistance RthJC when devices operate at different conduction angles than DC
Fig. 1 - Current Ratings Characteristics
Fig. 2 - Current Ratings Characteristics
Fig. 3 - Current Ratings Characteristics
Fig. 4 - Current Ratings Characteristics
ΔR
thJC CONDUCTION
CONDUCTION ANGLE
SINUSOIDAL CONDUCTION
RECTANGULAR CONDUCTION
TEST CONDITIONS
UNITS
180°
0.14
0.10
TJ = TJ maximum
K/W
120°
0.16
0.17
90°
0.21
0.22
60°
0.30
0.31
30°
0.50
0.50
Average Forward Current (A)
130
140
150
160
170
180
190
0
5
10 15 20 25 30 35 40 45
30°
60°
90°
120°
180°
Conduction Angle
40HF(R) Series (100V to 1200V)
Average Forward Current (A)
120
130
140
150
160
170
180
190
0
10
20304050
6070
DC
30°
60°
90°
120°
180°
Conduction Period
40HF(R) Series (100V to 1200V)
Average Forward Current (A)
100
110
120
130
140
150
160
0
5
10 15 20 25 30 35 40 45
30°
60°
90°
120°
180°
Conduction Angle
40HF(R) Series (1400V, 1600V)
Average Forward Current (A)
80
90
100
110
120
130
140
150
160
0
10
20304050
6070
DC
30°
60°
90°
120°
180°
Conduction Period
40HF(R) Series (1400V, 1600V)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com