Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

41HFR10 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # 41HFR10
Description  Standard Recovery Diodes, (Stud Version), 40 A
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

41HFR10 Datasheet(HTML) 4 Page - Vishay Siliconix

  41HFR10 Datasheet HTML 1Page - Vishay Siliconix 41HFR10 Datasheet HTML 2Page - Vishay Siliconix 41HFR10 Datasheet HTML 3Page - Vishay Siliconix 41HFR10 Datasheet HTML 4Page - Vishay Siliconix 41HFR10 Datasheet HTML 5Page - Vishay Siliconix 41HFR10 Datasheet HTML 6Page - Vishay Siliconix 41HFR10 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
www.vishay.com
For technical questions, contact: ind-modules@vishay.com
Document Number: 93513
4
Revision: 23-Jun-08
40HF(R) Series
Vishay High Power Products Standard Recovery Diodes,
(Stud Version), 40 A
Fig. 5 - Forward Power Loss Characteristics
Fig. 6 - Forward Power Loss Characteristics
Fig. 7 - Forward Power Loss Characteristics
Average Forward Current (A)
Maximum Allowable Ambient Temperature (°C)
0
40
80
120
160
200
10 K/W
3 K/W
5 K/W
7 K/W
0
10
20
30
40
50
60
0
5
10
15
20
25
30
35
40
RMS Limit
Conduction Angle
180°
120°
90°
60°
30°
40HF(R) Series
(100V to 1200V)
Tj = 190°C
Average Forward Current (A)
Maximum Allowable Ambient Temperature (°C)
0
40
80
120
160
200
10 K/W
3 K/W
5 K/W
7 K/W
0
10
20
30
40
50
60
0
10203040506070
DC
180°
120°
90°
60°
30°
RMS Limit
Conduction Period
40HF(R) Series
(100V to 1200V)
Tj = 190°C
Average Forward Current (A)
Maximum Allowable Ambient Temperature (°C)
0
25
50
75 100 125 150 175 200
3 K/W
5 K/W
10 K/W
7 K/W
0
5
10
15
20
25
30
35
40
45
50
0
10203040
RMS Limit
Conduction Angle
180°
120°
90°
60°
30°
40HF(R) Series
(1400V, 1600V)
Tj = 160°C



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com