Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7237 Datasheet(PDF) 2 Page - STMicroelectronics

Part # TDA7237
Description  QUAD DIFFERENTIAL LINE DRIVER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7237 Datasheet(HTML) 2 Page - STMicroelectronics

  TDA7237 Datasheet HTML 1Page - STMicroelectronics TDA7237 Datasheet HTML 2Page - STMicroelectronics TDA7237 Datasheet HTML 3Page - STMicroelectronics TDA7237 Datasheet HTML 4Page - STMicroelectronics TDA7237 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
VS
Supply Voltage
20
V
Ptot
Total Power Dissipation
750
mW
Tamb
Operating Ambient Temperature
-40 to 85
°C
Tstg
Storage Temperature
-55 to 150
°C
THERMAL DATA
Symbol
Parameter
Value
Unit
Rth j-pins
Thermal Resistance junction - pins
90
°C/W
PIN FUNCTIONS
N.
Name
Function
1
N.C.
2
N.C.
3
CH1I
Input to channel one
4
CH2I
Input to channel two
5
GND
Ground
6
N.C.
7
CH3I
Input to channel three
8
CH4I
Input to channel four
9
CH4NO
Channel four non inverting output
10
CH4IO
Channel four inverting output
11
CH3NO
Channel three non inverting output
12
CH3IO
Channel three inverting output
13
CH2NO
Channel two non inverting output
14
CH2IO
Channel two inverting output
15
CH1NO
Channel one non inverting output
16
CH1IO
Channel one inverting output
17
VS
Supply Voltage
18
CEXT
By-pass Capacitor
N.C.
N.C.
CH1I
CH2I
GND
CH3I
N.C.
CH4I
CH4NO
1
3
2
4
5
6
7
8
9
CH4IO
CH3NO
CH3IO
CH2IO
CH2NO
CH1NO
CH1IO
VS
CEXT
18
17
16
15
14
12
13
11
10
D95AU386
PIN CONNECTION
TDA7237
2/5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com