Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7237 Datasheet(PDF) 1 Page - STMicroelectronics

Part # TDA7237
Description  QUAD DIFFERENTIAL LINE DRIVER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7237 Datasheet(HTML) 1 Page - STMicroelectronics

  TDA7237 Datasheet HTML 1Page - STMicroelectronics TDA7237 Datasheet HTML 2Page - STMicroelectronics TDA7237 Datasheet HTML 3Page - STMicroelectronics TDA7237 Datasheet HTML 4Page - STMicroelectronics TDA7237 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
TDA7237
QUAD DIFFERENTIAL LINE DRIVER
PRODUCT PREVIEW
DESCRIPTION
The quad differential line driver is a monolithic in-
tegrated circuit intended to provide low noise, low
distortion voltage gain.
Additionally, the signal is converted from a single
ended to a differential signal pair for applications
reuiring signal isolation from DC grounded.
The four channel’s gains are matched within 1dB.
This is advanced information on a new product now in development or undergoing evaluation. Details are subject to change without notice.
November 1995
BIAS
GENERATOR
CH1
18
3
5
16
15
CH2
4
14
13
CH3
7
12
11
CH4
8
10
9
17
1,2,6
N.C.
C(ext)
VCC
CH1I
GND
CH2I
CH3I
CH4I
CH1Iout
CH1Nout
CH2Iout
CH2Nout
CH3Iout
CH3Nout
CH4Iout
CH4Nout
10
µF
10
µF
10
µF
10
µF
10
µF
D95AU385
BLOCK DIAGRAM
DIP18
ORDERING NUMBER: TDA7237
1/5


Similar Part No. - TDA7237

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7231 STMICROELECTRONICS-TDA7231 Datasheet
67Kb / 5P
1.6W AUDIO AMPLIFIER
Mar-1995
TDA7231A STMICROELECTRONICS-TDA7231A Datasheet
67Kb / 5P
1.6W AUDIO AMPLIFIER
Mar-1995
TDA7232 STMICROELECTRONICS-TDA7232 Datasheet
567Kb / 12P
LOW NOISE PREAMPLIFIER COMPRESSOR
TDA7233 STMICROELECTRONICS-TDA7233 Datasheet
827Kb / 7P
1W AUDIO AMPLIFIER WITH MUTE
Sep-2003
TDA7233 STMICROELECTRONICS-TDA7233 Datasheet
371Kb / 8P
1W AUDIO AMPLIFIER WITH MUTE
03-May-2010
More results

Similar Description - TDA7237

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MM88C29 FAIRCHILD-MM88C29 Datasheet
101Kb / 8P
Quad Single-Ended Line Driver . Dual Differential Line Driver
logo
Texas Instruments
SN65LVDS047 TI-SN65LVDS047 Datasheet
230Kb / 11P
LVDS QUAD DIFFERENTIAL LINE DRIVER
SN65LVDS047 TI-SN65LVDS047_06 Datasheet
223Kb / 12P
LVDS QUAD DIFFERENTIAL LINE DRIVER
SN65LVDS047 TI-SN65LVDS047_07 Datasheet
373Kb / 14P
LVDS QUAD DIFFERENTIAL LINE DRIVER
SN65LVDS047 TI-SN65LVDS047_10 Datasheet
465Kb / 16P
LVDS QUAD DIFFERENTIAL LINE DRIVER
logo
IC-Haus GmbH
ET7272 ICHAUS-ET7272 Datasheet
52Kb / 3P
QUAD DIFFERENTIAL LINE DRIVER
IC-HD2 ICHAUS-IC-HD2 Datasheet
262Kb / 8P
QUAD DIFFERENTIAL LINE DRIVER
IC-HD7 ICHAUS-IC-HD7 Datasheet
253Kb / 8P
QUAD DIFFERENTIAL LINE DRIVER
IC-HD2 ICHAUS-IC-HD2_14 Datasheet
247Kb / 8P
QUAD DIFFERENTIAL LINE DRIVER
IC-HD7 ICHAUS-IC-HD7_14 Datasheet
239Kb / 8P
QUAD DIFFERENTIAL LINE DRIVER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com