Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7241 Datasheet(PDF) 3 Page - STMicroelectronics

Part # TDA7241
Description  20W BRIDGE AMPLIFIER FOR CAR RADIO
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7241 Datasheet(HTML) 3 Page - STMicroelectronics

  TDA7241 Datasheet HTML 1Page - STMicroelectronics TDA7241 Datasheet HTML 2Page - STMicroelectronics TDA7241 Datasheet HTML 3Page - STMicroelectronics TDA7241 Datasheet HTML 4Page - STMicroelectronics TDA7241 Datasheet HTML 5Page - STMicroelectronics TDA7241 Datasheet HTML 6Page - STMicroelectronics TDA7241 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
ELECTRICAL CHARACTERISTICS (Refer to the circuit of Fig. 1; VS = 14.4V; Rth (heatsink) = 4
°C/W,
Tamb =25
°C, unless otherwise specified
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
VS
Supply Range
18
V
Id
Total Quiescent Current
RL =4
80
mA
VOS
Output Offset Voltage
100
mV
PO
Output Power
.
RL =2
f = 1KHz d = 10%
RL =4
.
RL =8
18
26
20
12
W
d
Distortion
RL =4
f = 1KHz
PO = 50mW to 12W
0.1
0.5
%
RL =8
f = 1KHz
PO = 50mW to 6W
0.05
%
GV
Voltage Gain
f = 1KHz
31
32
33
dB
SVR
Supply Voltage Rejection
f =100Hz Rg = 10K
40
50
dB
En
Total Input Noise
B = Curve A
Rg = 10K
2
µV
B = 22Hz to 22KHz RS = 10K
310
mV
η
Efficiency
RL =4
f = 1KHz
PO = 20W
65
%
Isb
Stand-by Current
100
µA
Ri
Input Resistance
f = 1KHz
70
K
Vi
Input Sensitivity
f = 1KHz
PO =2W
RL =4
70
mV
fL
Low Frequency Roll Off (-3dB)
PO = 15W
RL =4
30
Hz
fH
High Frequency Roll Off (-3dB)
PO = 15W
RL =4
25
KHz
AS
Stand-by Attenuation
VO = 2Vrms
70
90
dB
VTH(pin.2)
Stand-by Threshold
1
V
Tsd
Thermal Shutdown Junction Temp.
150
°C
(*) B = Curve
(**) B = 22Hz to 22KHz
Figure 2: P.C. Board and Component Layout of the Circuit of Fig. 1 (1:1 scale).
TDA7241B
3/7



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com