Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7241 Datasheet(PDF) 1 Page - STMicroelectronics

Part # TDA7241
Description  20W BRIDGE AMPLIFIER FOR CAR RADIO
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7241 Datasheet(HTML) 1 Page - STMicroelectronics

  TDA7241 Datasheet HTML 1Page - STMicroelectronics TDA7241 Datasheet HTML 2Page - STMicroelectronics TDA7241 Datasheet HTML 3Page - STMicroelectronics TDA7241 Datasheet HTML 4Page - STMicroelectronics TDA7241 Datasheet HTML 5Page - STMicroelectronics TDA7241 Datasheet HTML 6Page - STMicroelectronics TDA7241 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
TDA7241B
20W BRIDGE AMPLIFIER FOR CAR RADIO
VERY LOW STAND-BY CURRENT
GAIN = 32dB
OUTPUT PROTECTED AGAINST SHORT
CIRCUITS
TO
GROUND
AND ACROSS
LOAD
COMPACT HEPTAWATT PACKAGE
DUMP TRANSIENT
THERMAL SHUTDOWN
LOUDSPEAKER PROTECTION
HIGH CURRENT CAPABILITY
LOW DISTORTION / LOW NOISE
DESCRIPTION
The TDA7241B is a 20W bridge audio amplifier
IC designed specially for car radio applications.
Thanks to the low external part count and com-
pact
Heptawatt
7-pin
power
package
the
TDA7241B occupies little space on the printed
circuit board.
Reliable operation is guaranteed by a compre-
hensive array of on-chip protection features.
These include protection against AC and DC out-
put short circuits (to ground and across the load),
load dump transients, and junction overtempera-
ture. Additionally, the TDA7241B protects the
loudspeaker when one output is short-circuited to
ground.
July 1997
Heptawatt
ORDERING NUMBER: TDA7241BH
Figure 1: Test and Appliication Circuit
1/7


Similar Part No. - TDA7241

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7240 STMICROELECTRONICS-TDA7240 Datasheet
90Kb / 8P
20WBRIDGE AMPLIFIER FOR CAR RADIO
Dec-1998
TDA7240A STMICROELECTRONICS-TDA7240A Datasheet
90Kb / 8P
20WBRIDGE AMPLIFIER FOR CAR RADIO
Dec-1998
TDA7240AH STMICROELECTRONICS-TDA7240AH Datasheet
90Kb / 8P
20WBRIDGE AMPLIFIER FOR CAR RADIO
Dec-1998
TDA7240AV STMICROELECTRONICS-TDA7240AV Datasheet
90Kb / 8P
20WBRIDGE AMPLIFIER FOR CAR RADIO
Dec-1998
TDA7245 STMICROELECTRONICS-TDA7245 Datasheet
200Kb / 11P
5W AUDIO AMPLIFIER WITH MUTING AND STAND-BY
Mar-1995
More results

Similar Description - TDA7241

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE1396 NTE-NTE1396 Datasheet
23Kb / 3P
Integrated Circuit 20W Bridge Booster for Car Radio
logo
STMicroelectronics
TDA2005 STMICROELECTRONICS-TDA2005 Datasheet
259Kb / 20P
20W BRIDGE AMPLIFIER FOR CAR RADIO
Oct-1998
TDA7350A STMICROELECTRONICS-TDA7350A Datasheet
324Kb / 22P
22W BRIDGE-STEREO AMPLIFIER FOR CAR RADIO
Apr-1995
TDA7374B STMICROELECTRONICS-TDA7374B Datasheet
171Kb / 13P
DUAL BRIDGE AUDIO AMPLIFIER FOR CAR RADIO
Apr-1995
logo
Unisonic Technologies
A7240 UTC-A7240 Datasheet
106Kb / 6P
20W BRIDGE AMPLIFIER FOR CAR RADIO
logo
STMicroelectronics
TDA7350A STMICROELECTRONICS-TDA7350A_05 Datasheet
491Kb / 23P
22W BRIDGE-STEREO AMPLIFIER FOR CAR RADIO
Feb-2005
logo
Unisonic Technologies
PA2005 UTC-PA2005 Datasheet
522Kb / 16P
20W BRIDGE AMPLIFIER FOR CAR RADIO
TDA2005 UTC-TDA2005 Datasheet
518Kb / 16P
20W BRIDGE AMPLIFIER FOR CAR RADIO
A7240 UTC-A7240_15 Datasheet
195Kb / 6P
20W BRIDGE AMPLIFIER FOR CAR RADIO
PA2005 UTC-PA2005_15 Datasheet
522Kb / 16P
20W BRIDGE AMPLIFIER FOR CAR RADIO
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com