Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

82DA Datasheet(PDF) 2 Page - Vishay Siliconix

Part # 82DA
Description  Aluminum Capacitors 85 째C, Snap-In, General Purpose
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

82DA Datasheet(HTML) 2 Page - Vishay Siliconix

  82DA_08 Datasheet HTML 1Page - Vishay Siliconix 82DA_08 Datasheet HTML 2Page - Vishay Siliconix 82DA_08 Datasheet HTML 3Page - Vishay Siliconix 82DA_08 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
82DA
Vishay Sprague
Aluminum Capacitors
+ 85 °C, Snap-In, General Purpose
www.vishay.com
For technical questions, contact: aluminumcaps4@vishay.com
Document Number: 42064
228
Revision: 29-Aug-08
Note
(1) Style A and B not available in 0.87" (22.0 mm) diameter units
DIMENSIONS AND AVAILABLE FORMS
DIMENSIONS in inches (millimeters)
CIRCUIT BOARD MOUNT TERMINAL DIMENSIONS (1)
DIAMETER
STYLE A
STYLE B
D
CASE CODE
B
R
C
R
1.00 (25.0)
J
0.093 (2.4)
0.301 (7.6)
140°
N/A
1.18 (30.0)
K
0.125 (3.2)
0.363 (9.2)
120°
0.391 (9.9)
1.38 (35.0)
M
0.125 (3.2)
0.458 (11.6)
120°
0.458 (11.6)
Style A
Style B
Style D



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com