Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

82DA Datasheet(PDF) 3 Page - Vishay Siliconix

Part # 82DA
Description  Aluminum Capacitors 85 째C, Snap-In, General Purpose
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

82DA Datasheet(HTML) 3 Page - Vishay Siliconix

  82DA_08 Datasheet HTML 1Page - Vishay Siliconix 82DA_08 Datasheet HTML 2Page - Vishay Siliconix 82DA_08 Datasheet HTML 3Page - Vishay Siliconix 82DA_08 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Document Number: 42064
For technical questions, contact: aluminumcaps4@vishay.com
www.vishay.com
Revision: 29-Aug-08
229
82DA
Aluminum Capacitors
+ 85 °C, Snap-In, General Purpose
Vishay Sprague
ORDERING EXAMPLE
Electrolytic capacitor 82DA series:
82DA 222 M 050 HA 2 D E3
Note
• Other ratings and voltages available on special order
TERMINAL CONFIGURATION (numbers in brackets indicate millimeters)
LEAD
CODE
DESCRIPTION
OUTLINE DRAWINGS
AVAILABLE
DIAMETERS
AVAILABLE
VOLTAGES AND
TYPES
MOUNTING
CONFIGURATION
TERMINAL
CONFIGURATION
D
Standard
2 pin snap-in
0.87 (22.0) - H
0.98 (25.0) - J
1.18 (30.0) - K
1.38 (35.0) - M
All voltages
81D, 81DA
82D, 82DA
A
2 straight wire lead
molded cover with
standoffs
0.98 (25.0) - J
1.18 (30.0) - K
1.38 (35.0) - M
All voltages
82D, 82DA
V
≤ 250 V
DC
81D, 81DA
B
3 straight wire lead
molded cover with
standoffs
1.18 (30.0) - K
1.38 (35.0) - M
All voltages
82D, 82DA
V
≤ 250 V
DC
81D, 81DA
DESCRIPTION
CODE
EXPLANATION
82DA
Product type
222
Capacitance value (2200 µF)
M
Tolerance (M = ± 20 %)
050
Voltage rating at 85 °C (50 V)
HA
Can size (see dimensions table)
2
PVC insulating sleeve
D
Terminal style (D = 2 pin snap-in)
E3
RoHS compliant
ELECTRICAL DATA AND ORDERING INFORMATION
CAPACITANCE
(µF)
PART NUMBER
NOMINAL CASE SIZE
D x L
MAX. ESR at 25 °C (m
Ω)
MAX. RIPPLE at + 85 °C (A)
120 HZ
20 to 40 kHZ
120 HZ
20 to 40 kHZ
16 WVDC at + 85 °C, SURGE = 20 V
15 000.0
82DA153M016KA2D
1.181 x 0.984 (30.0 x 25.0)
67.7
54.0
3.07
3.47
25 WVDC at + 85 °C, SURGE = 30 V
6800.0
82DA682M025HB2D
0.866 x 1.181 (22.0 x 30.0)
73.5
56.1
2.57
2.94
6800.0
82DA682M025JA2D
0.984 x 0.984 (25.0 x 25.0)
83.8
60.0
2.48
2.93
10 000.0
82DA103M025KA2D
1.181 x 0.984 (30.0 x 25.0)
71.0
54.0
3.00
3.47
35 WVDC at + 85 °C, SURGE = 40 V
2700.0
82DA272M035HA2D
0.866 x 0.984 (22.0 x 25.0)
120.0
87.4
1.91
2.24
4700.0
82DA472M035JA2D
0.984 x 0.984 (25.0 x 25.0)
89.0
62.0
2.42
2.86
6800.0
82DA682M035KA2D
1.181 x 0.984 (30.0 x 25.0)
75.0
540.0
2.92
3.42
10 000.0
82DA103M035KB2D
1.181 x 1.181 (30.0 x 30.0)
57.0
41.0
3.60
4.20
50 WVDC at + 85 °C, SURGE = 63 V
2200.0
82DA222M050HA2D
0.866 x 0.984 (22.0 x 25.0)
115.0
76.0
1.94
2.39
3300.0
82DA332M050HB2D
0.866 x 1.181 (22.0 x 30.0)
86.0
57.0
2.38
2.92
6800.0
82DA682M050JD2D
0.984 x 1.575 (25.0 x 40.0)
47.0
31.0
3.91
4.96
200 WVDC at + 85 °C, SURGE = 250 V
330.0
82DA331M200JB2D
0.984 x 1.181 (25.0 x 30.0)
401.0
191.0
1.28
1.86
820.0
82DA821M200KD2D
1.181 x 1.575 (30.0 x 40.0)
180.0
87.0
2.36
3.41
1000.0
82DA102M200KE2D
1.181 x 1.969 (30.0 x 50.0)
142.0
67.0
2.89
4.22
1200.0
82DA122M200MD2D
1.378 x 1.575 (35.0 x 40.0)
147.0
74.0
2.89
4.06
250 WVDC at + 85 °C, SURGE = 300 V
220.0
82DA221M250HD2D
0.866 x 1.575 (22.0 x 40.0)
558.0
166.0
1.12
2.12
+
+



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com