Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LA5754MP Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # LA5754MP
Description  Monolithic Linear IC Separately-excited Step-down Switching Regulator (Variable Type)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA5754MP Datasheet(HTML) 2 Page - Sanyo Semicon Device

  LA5754MP Datasheet HTML 1Page - Sanyo Semicon Device LA5754MP Datasheet HTML 2Page - Sanyo Semicon Device LA5754MP Datasheet HTML 3Page - Sanyo Semicon Device LA5754MP Datasheet HTML 4Page - Sanyo Semicon Device LA5754MP Datasheet HTML 5Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
LA5754MP
No.A0952-2/5
Recommended Operating Conditions at Ta = 25
°C
Parameter
Symbol
Conditions
Ratings
Unit
Input voltage range
VIN
5.5 to 28
V
Operating junction temperature range
Tj op
-30 to +150
°C
Electrical Characteristics at Ta = 25
°C
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
Output voltage
VO
VIN = 15V, IO = 1.0A
2.53
2.66
2.76
V
Switching frequency
f
VIN = 15V, IO = 1.0A
100
125
150
kHz
Line regulation
∆VOLINE
VIN= 8 to 20V, IO=1.0A
25
80
mV
Load regulation
∆VOLOAD
VIN = 15V, IO = 0.5 to 1.5A
10
30
mV
Output voltage temperature coefficient
∆VO/∆Ta
±0.5
mV/
°C
Ripple attenuation factor
RREJ
f = 100 to 120Hz
45
dB
Current limiter operating voltage
IS
VIN = 15V
3.1
A
Thermal shutdown operating temperature
TSD
Designed target value*
165
°C
Thermal shutdown hysteresis width
∆TSD
Designed target value*
15
°C
* Designed target value: No measurement made.
Package Dimensions
unit : mm (typ)
3275
Pin Assignment
(1)VIN (2)SWOUT (3)GND (4)VOS (5)SS
SANYO : SMP5
10.0
1.3
4.5
2.7
0.4
1.7
(1.6)
0.9
15
0.2
140
120
100
80
60
40
20
0
-20
-30
0
2.0
2.5
3.5
4.0
MSG07022
160
4.5
Pd max -- Ta
3.0
1.5
1.0
0.5
3.90
0.78
Ambient temperature, Ta --
°C
Mounted on a specified board:
114.3
×76.1×1.6mm3
Copper foil ratio 60% FR4



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com