Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LA5754MP Datasheet(PDF) 4 Page - Sanyo Semicon Device

Part # LA5754MP
Description  Monolithic Linear IC Separately-excited Step-down Switching Regulator (Variable Type)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA5754MP Datasheet(HTML) 4 Page - Sanyo Semicon Device

  LA5754MP Datasheet HTML 1Page - Sanyo Semicon Device LA5754MP Datasheet HTML 2Page - Sanyo Semicon Device LA5754MP Datasheet HTML 3Page - Sanyo Semicon Device LA5754MP Datasheet HTML 4Page - Sanyo Semicon Device LA5754MP Datasheet HTML 5Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
LA5754MP
No.A0952-4/5
Td =
=
= 28.2 msec
C
× V
i
1
µ × 0.62
22
µ
Tss =
=
C
× ∆VPWM × PWMduty
i
C
× 0.88 × PWMduty
22
µA
1.5V
0.62V
PWM wave
PWMduty =
= 25%
VOUT + VF
VIN - Vsat + VF
Tss =
= 10msec
1
µ × 0.88V × 0.25
22
µA
Description of Functional Settings
1.Start delay function
The SS pin has the internally-connected 22
µA (typ) constant-current supply. When the voltage of SS pin exceeds the
threshold voltage, the regulator starts operation. As the threshold is 0.62V(typ), the start delay time can be calculated
as follows:
ex. For setting at 1
µF
2.Soft start function
The internal PWM waveform has the voltage value as shown in the right.
If down-conversion from the voltage of VIN = 15V to 3.3V output to be made,
for example, the PWM-ON duty has the value as shown below.
(Note that calculation is made with Vsat = 1V and VF = 0.2V)
The output voltage of error amplifier, which is 3.3V, is the value with PWM = 25%, as calculated in the above
equation, so that this voltage is determined as follows:
Ver = (
∆VPWM) × PWMduty + VPWML = 0.88V × 0.25 + 0.62V = 0.84V
(
∆VPWM is the PWM amplitude value or 0.88V(typ) while VPWML is the lower limit voltage of PWM
waveform or 0.62V(typ))
SS pin and error amplifier output voltages are designed to prefer the lower voltages, so that VOUT will reach the
designed regulation voltage in timing when the SS pin voltage exceeds the error amplifier output. Therefore, the soft
strt time is calculated as follows:
For the set conditions of C = 1
µF and PWMduty = 25%:



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com