Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

085CS Datasheet(PDF) 5 Page - Vishay Siliconix

Part # 085CS
Description  Aluminum Capacitors SMD (Chip) Standard
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

085CS Datasheet(HTML) 5 Page - Vishay Siliconix

  085CS_08 Datasheet HTML 1Page - Vishay Siliconix 085CS_08 Datasheet HTML 2Page - Vishay Siliconix 085CS_08 Datasheet HTML 3Page - Vishay Siliconix 085CS_08 Datasheet HTML 4Page - Vishay Siliconix 085CS_08 Datasheet HTML 5Page - Vishay Siliconix 085CS_08 Datasheet HTML 6Page - Vishay Siliconix 085CS_08 Datasheet HTML 7Page - Vishay Siliconix 085CS_08 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Document Number: 28300
For technical questions, contact: aluminumcaps1@vishay.com
www.vishay.com
Revision: 28-May-08
5
085 CS
Aluminum Capacitors
SMD (Chip) Standard
Vishay BCcomponents
Table 7
CAPACITANCE
ADDITIONAL ELECTRICAL DATA
PARAMETER
CONDITIONS
VALUE
Voltage
Surge voltage for short periods
Us ≤ 1.15 x UR
Reverse voltage
Urev ≤ 1V
Current
Leakage current
after 1 minute at UR
IL1 ≤ 0.02 CR x UR +3µA
after 5 minutes at UR
IL5 ≤ 0.002 CR x UR +3µA
Inductance
Equivalent series inductance (ESL)
nominal case size 8.8 x 3.7 x 3.9 mm
typ. 11 nH
nominal case size 11.9 x 3.7 x 3.9 mm
typ. 13 nH
Resistance
Equivalent series resistance (ESR)
calculated from tan
δ
max and CR (see Table
ESR = tan
δ/2 πf C
R
0.8
0.9
1.0
1.1
1.2
C
0
C
- 40
- 20
0
20
40
60
80
100
T
amb (20 °C)
Fig.7 Typical multiplier of capacitance as a function of
ambient temperature
C
0 = capacitance at 20 °C, 100 Hz
3
2
1
1
2
3
Curve 1: 6.3 V
Curve 2: 25 V
Curve 3: 63 V
T
amb (20 °C)
C
0
C
Fig.9 Typical multiplier of capacitance as a function of frequency
C
0 = capacitance at 20 °C, 100 Hz
1.1
1.0
0.9
0.8
0.7
0.6
10
10
2
10
3
10
4
3
2
1
2
1
3
Curve 1: 6.3 V
Curve 2: 25 V
Curve 3: 63 V



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com