Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

085CS Datasheet(PDF) 4 Page - Vishay Siliconix

Part # 085CS
Description  Aluminum Capacitors SMD (Chip) Standard
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

085CS Datasheet(HTML) 4 Page - Vishay Siliconix

  085CS_08 Datasheet HTML 1Page - Vishay Siliconix 085CS_08 Datasheet HTML 2Page - Vishay Siliconix 085CS_08 Datasheet HTML 3Page - Vishay Siliconix 085CS_08 Datasheet HTML 4Page - Vishay Siliconix 085CS_08 Datasheet HTML 5Page - Vishay Siliconix 085CS_08 Datasheet HTML 6Page - Vishay Siliconix 085CS_08 Datasheet HTML 7Page - Vishay Siliconix 085CS_08 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
085 CS
Vishay BCcomponents
Aluminum Capacitors
SMD (Chip) Standard
www.vishay.com
For technical questions, contact: aluminumcaps1@vishay.com
Document Number: 28300
4
Revision: 28-May-08
Note
Unless otherwise specified, all electrical values in Table 6 apply at
Tamb =20 °C, P = 86 to 106 kPa, RH = 45 to 75 %.
ORDERING EXAMPLE
Electrolytic capacitor 085 series
10 µF/16 V; - 10/+ 50 %
Nominal case size: 11.9 x 3.7 x 3.9 mm; Form BR
Ordering Code: MAL208525109E3
Former 12NC: 2222 085 25109
Table 6
280
260
240
220
200
180
160
140
120
100
80
0
50
100
150
200
250
T
Pad
(°C)
Fig.7 Maximum temperature load during (double-) wave soldering
f(s)
ELECTRICAL DATA
SYMBOL
DESCRIPTION
CR
rated capacitance at 100 Hz
(tolerance - 10 to + 50 % or ± 20 %)
IR
rated RMS ripple current at 100 Hz, 85
°C
IL5
max. leakage current after 5 minutes at UR
Tan
δ
max. dissipation factor at 100 Hz
Z
max. impedance at 10 kHz
ELECTRICAL DATA AND ORDERING INFORMATION
UR
(V)
CR
100 Hz
(µF)
NOMINAL
CASE SIZE
L x W x H
(mm)
IR
100 Hz
85
°C
(mA)
IL5
5min
(µA)
Tan
δ
100 Hz
Z
10 kHz
(
Ω)
ORDERING CODE MAL2085.......
- 10/+ 50 %
± 20 %
BLISTER TAPE
ON REEL FORM BR
BLISTER TAPE
ON REEL FORM BR
6.3
10.0
8.8 x 3.7 x 3.9
11
3.1
0.30
20
23109E3
63109E3
22
11.9 x 3.7 x 3.9
20
3.3
0.30
9
23229E3
63229E3
10
6.8
8.8 x 3.7 x 3.9
10
3.1
0.25
24
24688E3
64688E3
15
11.9 x 3.7 x 3.9
18
3.3
0.25
11
24159E3
64159E3
16
4.7
8.8 x 3.7 x 3.9
9
3.2
0.20
26
25478E3
65478E3
10
11.9 x 3.7 x 3.9
16
3.3
0.20
12
25109E3
65109E3
25
3.3
8.8 x 3.7 x 3.9
8
3.2
0.18
27
26338E3
66338E3
6.8
11.9 x 3.7 x 3.9
14
3.3
0.18
13
26688E3
66688E3
40
2.2
8.8 x 3.7 x 3.9
7
3.2
0.16
32
27228E3
67228E3
4.7
11.9 x 3.7 x 3.9
13
3.4
0.16
15
27478E3
67478E3
63
0.47
8.8 x 3.7 x 3.9
4
3.1
0.10
120
28477E3
68477E3
1.0
8.8 x 3.7 x 3.9
6
3.1
0.12
55
28108E3
68108E3
2.2
11.9 x 3.7 x 3.9
11
3.3
0.14
25
28228E3
68228E3
3.3
11.9 x 3.7 x 3.9
13
3.4
0.14
17
28338E3
68338E3



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com