Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7273 Datasheet(PDF) 2 Page - STMicroelectronics

Part # TDA7273
Description  SINGLE CHIP STEREO CASSETTE PLAYBACK SYSTEM
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7273 Datasheet(HTML) 2 Page - STMicroelectronics

  TDA7273 Datasheet HTML 1Page - STMicroelectronics TDA7273 Datasheet HTML 2Page - STMicroelectronics TDA7273 Datasheet HTML 3Page - STMicroelectronics TDA7273 Datasheet HTML 4Page - STMicroelectronics TDA7273 Datasheet HTML 5Page - STMicroelectronics TDA7273 Datasheet HTML 6Page - STMicroelectronics TDA7273 Datasheet HTML 7Page - STMicroelectronics TDA7273 Datasheet HTML 8Page - STMicroelectronics TDA7273 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Test Conditions
Unit
VS
Supply Voltage
9
V
Io
Output Current (max)
70
mA
Top
Operating Temperature Range
-20 to 70
°C
Tstg, Tj
Storage & Junction Temperature Range
-40 to +150
°C
THERMAL DATA
Symbol
Description
DIP-16
SO-16
Unit
Rthj-amb
Thermal Resistance Junction-ambient
Max
100
200
°C/W
DC CHARACTERISTICS: Tamb =25
°C; VS = 3V; RL = 10KΩ (Preamplifier), RL =32Ω (Headphone);
VIN =0; VOL control = Vref
Terminal No
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
Terminal Voltage (V)
0
1.5
1.5
1.5
1.5
2.7
1.5
0
3
1.5
1.5
1.5
1.5
1.5
1.5
1.5
TEST CIRCUIT
TDA7273
2/9



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com