Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7273 Datasheet(PDF) 1 Page - STMicroelectronics

Part # TDA7273
Description  SINGLE CHIP STEREO CASSETTE PLAYBACK SYSTEM
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7273 Datasheet(HTML) 1 Page - STMicroelectronics

  TDA7273 Datasheet HTML 1Page - STMicroelectronics TDA7273 Datasheet HTML 2Page - STMicroelectronics TDA7273 Datasheet HTML 3Page - STMicroelectronics TDA7273 Datasheet HTML 4Page - STMicroelectronics TDA7273 Datasheet HTML 5Page - STMicroelectronics TDA7273 Datasheet HTML 6Page - STMicroelectronics TDA7273 Datasheet HTML 7Page - STMicroelectronics TDA7273 Datasheet HTML 8Page - STMicroelectronics TDA7273 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
TDA7273
SINGLE CHIP STEREO CASSETTE PLAYBACK SYSTEM
WIDE OPERATING SUPPLY VOLTAGE
(1.8V to 7V)
INPUT COUPLING WITHOUT CAPACITORS
BUILT-IN DC STEREO VOLUME CONTROL
BUILT-IN RIPPLE FILTERS
LOW QUIESCENT CURRENT
NO EXTERNAL BOUCHEROT CELL
MAX OUTPUT CURRENT 70mA PEAK
DESCRIPTION
The TDA7273 is a monolithic integrated circuit
designed for portable cassette players market.
It comprises preamplifiers, DC volume control,
and headphone drivers.
May 1997
BLOCK DIAGRAM
DIP16
SO16
ORDERING NUMBERS:
TDA7273
TDA7273D
1/9


Similar Part No. - TDA7273

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7272A STMICROELECTRONICS-TDA7272A Datasheet
193Kb / 16P
HIGH PERFORMANCE MOTOR SPEED REGULATOR
Jun-1992
TDA7274 STMICROELECTRONICS-TDA7274 Datasheet
108Kb / 10P
LOW-VOLTAGE DC MOTOR SPEED CONTROLLER
Nov-1988
TDA7275A STMICROELECTRONICS-TDA7275A Datasheet
65Kb / 7P
MOTOR SPEED REGULATOR
May-1997
TDA7278 STMICROELECTRONICS-TDA7278 Datasheet
142Kb / 15P
HIGH-EFFICIENCY CD ACTUATOR DRIVER
Mar-1997
More results

Similar Description - TDA7273

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN7352S PANASONIC-AN7352S Datasheet
49Kb / 3P
Playback Pre-amplifier for Stereo Cassette Deck
logo
Toshiba Semiconductor
TC9309AF-112 TOSHIBA-TC9309AF-112 Datasheet
163Kb / 4P
SINGLE CHIP DIGITAL TUNING SYSTEM FOR CD RADIO CASSETTE
TC9309AF-119 TOSHIBA-TC9309AF-119 Datasheet
163Kb / 4P
SINGLE CHIP DIGITAL TUNING SYSTEM FOR CD RADIO CASSETTE
TC9309F-106 TOSHIBA-TC9309F-106 Datasheet
164Kb / 4P
SINGLE CHIP DIGITAL TUNING SYSTEM FOR CD RADIO CASSETTE
TC9314F-026 TOSHIBA-TC9314F-026 Datasheet
197Kb / 4P
SINGLE CHIP DIGITAL TUNNING SYSTEM FOR CD RADIO CASSETTE
logo
Sanyo Semicon Device
LA1862M SANYO-LA1862M Datasheet
823Kb / 28P
Single-Chip Tuner System for Car Stereo
LA3246 SANYO-LA3246 Datasheet
441Kb / 13P
Stereo Preamplifier for Compact Double Cassette Playback-only Use
LA4167M SANYO-LA4167M Datasheet
477Kb / 20P
1-Channel Record/Playback System for Microcassette and Cassette Recorders
LA4168M SANYO-LA4168M Datasheet
148Kb / 6P
Record/Playback System for Microcassette and Compact Cassette Recorders
LA4583M SANYO-LA4583M Datasheet
773Kb / 32P
Compact Cassette Stereo Recording and Playback System
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com