Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7274 Datasheet(PDF) 3 Page - STMicroelectronics

Part # TDA7274
Description  LOW-VOLTAGE DC MOTOR SPEED CONTROLLER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7274 Datasheet(HTML) 3 Page - STMicroelectronics

  TDA7274 Datasheet HTML 1Page - STMicroelectronics TDA7274 Datasheet HTML 2Page - STMicroelectronics TDA7274 Datasheet HTML 3Page - STMicroelectronics TDA7274 Datasheet HTML 4Page - STMicroelectronics TDA7274 Datasheet HTML 5Page - STMicroelectronics TDA7274 Datasheet HTML 6Page - STMicroelectronics TDA7274 Datasheet HTML 7Page - STMicroelectronics TDA7274 Datasheet HTML 8Page - STMicroelectronics TDA7274 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
THERMAL DATA
Symbol
Parameter
Value
Unit
Rth j-amb
Thermal Resistance Junction-ambient
Max.
100
°C/W
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
VS
Supply Voltage
6V
IM
Motor Current
700
mA
Ptot
Power Dissipation at Tamb =25
°C
1.25
W
ELECTRICAL CHARACTERISTICS (Refer to test circuit, VS = 3V, Tamb =25
°C unless otherwise speci-
fied)
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
VS
Supply Voltage Range
1.8
6
V
Vref
Reference Voltage
IM = 100mA
0.18
0.20
0.22
V
Iq
Quiescent Current
2.4
6.0
mA
Id (Pin 6)
Quiescent Current
120
µA
K
Shunt Ratio
IM = 100mA
45
50
55
–
Vsat
Residual Voltage
IM = 100mA
0.13
0.3
V
∆Vref
Vref
⁄ ∆VS Line Regulation
IM = 100mA
VS = 1.8 to 6V
0.20
%/V
∆K
K
⁄ ∆VS
Voltage Characteristic of Shut
Ratio
IM = 100mA
VS = 1.8 to 6V
0.80
%/V
∆Vref
Vref
⁄ ∆IM Load Regulation
IM = 20 to 200mA
0.004
%/mA
∆K
K
⁄ ∆IM
Current Characteristic of Shut
Ratio
IM = 20 to 200mA
–0.03
%/mA
∆Vref
Vref
⁄ ∆Tamb Temperature Characteristic of
Reference Voltage
IM = 100mA
Tamb = –20 to +60
°C
0.04
%/
°C
∆K
K
⁄ ∆Tamb Temperature Characteristic of
Shut Ratio
IM = 100mA
Tamb = 20 to +60
°C
0.02
%/
°C
TDA7274
3/10



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com