Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7274 Datasheet(PDF) 1 Page - STMicroelectronics

Part # TDA7274
Description  LOW-VOLTAGE DC MOTOR SPEED CONTROLLER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7274 Datasheet(HTML) 1 Page - STMicroelectronics

  TDA7274 Datasheet HTML 1Page - STMicroelectronics TDA7274 Datasheet HTML 2Page - STMicroelectronics TDA7274 Datasheet HTML 3Page - STMicroelectronics TDA7274 Datasheet HTML 4Page - STMicroelectronics TDA7274 Datasheet HTML 5Page - STMicroelectronics TDA7274 Datasheet HTML 6Page - STMicroelectronics TDA7274 Datasheet HTML 7Page - STMicroelectronics TDA7274 Datasheet HTML 8Page - STMicroelectronics TDA7274 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
TDA7274
LOW-VOLTAGE DC MOTOR SPEED CONTROLLER
November 1988
WIDE OPERATING VOLTAGE RANGE
(1.8 to 6 V)
BUILT-IN LOW-VOLTAGE REFERENCE (0.2
V)
LINEARITY IN SPEED ADJUSTMENT
HIGH STABILITY VS. TEMPERATURE
LOW NUMBER OF EXTERNAL PARTS
DESCRIPTION
MINIDIP
ORDERING NUMBER : TDA7274
The TDA7274 is a monolithic integrated circuit
DC motor speed controller intended for use in mi-
crocassettes, radio cassette players and other
consumer equipment. It is particulary suitable for
low-voltage applications.
PIN CONNECTION (top view)
1/10


Similar Part No. - TDA7274

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7272A STMICROELECTRONICS-TDA7272A Datasheet
193Kb / 16P
HIGH PERFORMANCE MOTOR SPEED REGULATOR
Jun-1992
TDA7273 STMICROELECTRONICS-TDA7273 Datasheet
124Kb / 9P
SINGLE CHIP STEREO CASSETTE PLAYBACK SYSTEM
May-1997
TDA7273D STMICROELECTRONICS-TDA7273D Datasheet
124Kb / 9P
SINGLE CHIP STEREO CASSETTE PLAYBACK SYSTEM
May-1997
TDA7275A STMICROELECTRONICS-TDA7275A Datasheet
65Kb / 7P
MOTOR SPEED REGULATOR
May-1997
TDA7278 STMICROELECTRONICS-TDA7278 Datasheet
142Kb / 15P
HIGH-EFFICIENCY CD ACTUATOR DRIVER
Mar-1997
More results

Similar Description - TDA7274

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2606 NJRC-NJM2606 Datasheet
201Kb / 6P
LOW VOLTAGE DC MOTOR CONTROLLER
logo
Samsung semiconductor
KA2402 SAMSUNG-KA2402 Datasheet
59Kb / 4P
DC MOTOR SPEED CONTROLLER
KA2404 SAMSUNG-KA2404 Datasheet
148Kb / 6P
DC MOTOR SPEED CONTROLLER
logo
Sanyo Semicon Device
LA5527 SANYO-LA5527 Datasheet
58Kb / 3P
Low-Voltage DC Motor Speed Controller
LA5527M SANYO-LA5527M Datasheet
56Kb / 3P
Low-Voltage DC Motor Speed Controller?
LA5528N SANYO-LA5528N Datasheet
69Kb / 3P
Low-Voltage DC Motor Speed Controller?
LA5550 SANYO-LA5550 Datasheet
77Kb / 4P
Low-Voltage DC Motor Speed Controller with Logic Circuit
logo
List of Unclassifed Man...
KA2202 ETC-KA2202 Datasheet
85Kb / 3P
LOW VOLTAGE DC MOTOR SPEED CONTROLLER
logo
Samsung semiconductor
KA2401 SAMSUNG-KA2401 Datasheet
185Kb / 5P
DC MOTOR SPEED CONTROLLER
logo
Sanyo Semicon Device
LA5523 SANYO-LA5523 Datasheet
52Kb / 1P
LOW-VOLTAGE DC MOTOR SPEED CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com