Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

085CS Datasheet(PDF) 2 Page - Vishay Siliconix

Part # 085CS
Description  Aluminum Capacitors SMD (Chip) Standard
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

085CS Datasheet(HTML) 2 Page - Vishay Siliconix

  085CS Datasheet HTML 1Page - Vishay Siliconix 085CS Datasheet HTML 2Page - Vishay Siliconix 085CS Datasheet HTML 3Page - Vishay Siliconix 085CS Datasheet HTML 4Page - Vishay Siliconix 085CS Datasheet HTML 5Page - Vishay Siliconix 085CS Datasheet HTML 6Page - Vishay Siliconix 085CS Datasheet HTML 7Page - Vishay Siliconix 085CS Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
085 CS
Vishay BCcomponents
Aluminum Capacitors
SMD (Chip) Standard
www.vishay.com
For technical questions, contact: aluminumcaps1@vishay.com
Document Number: 28300
2
Revision: 28-May-08
DIMENSIONS in millimeters
PACKAGING
Tape on reel packaging: 2000 per reel
Detailed tape dimensions see section ‘PACKAGING’
MOUNTING
The capacitors are designed for automatic placement on
printed-circuit boards or hybrid circuits.
Optimum dimensions of soldering pads depend upon
soldering method, mounting accuracy, print lay-out and/or
adjacent components.
For
recommended
pad
dimensions,
refer
to Fig.
3
andTable2.
Table 2
2 max.
2 max.
2 max.
9 max.
a.
12.2 max.
b.
2 max.
3.9
max.
3.9
max.
3.9
max.
2.7
max.
2.7
max.
2.7
max.
2.7
max.
4.1
max.
4.1
max.
3.9
max.
7.5
10.8
a. Case size 8.8 x 3.7 x 3.9 mm
b. Case size 11.9 x 3.7 x 3.9 mm
Fig.2 Dimensional outlines
RECOMMENDED SOLDERING PAD DIMENSIONS in millimeters (placement accuracy ± 0.25 mm)
NOMINAL CASE SIZE
L x W x H
FOR REFLOW SOLDERING
FOR WAVE SOLDERING
AB
CD
E
F
G
A
B
C
D
E
F
G
8.8 x 3.7 x 3.9
9.7
3.5
2.9
2.5
3.0
10.1
4.4
13.5
4.1
4.7
3.7
2.9
14.0
8.4
11.9 x 3.7 x 3.9
12.9
6.5
2.9
2.5
6.0
13.3
4.4
16.8
7.4
4.7
3.7
6.1
17.3
8.4
solder land/
solder paste
pattern
solder resist
pattern
occupied
area
tracks or
dummy tracks
E
D
G
C
B
A
F
E
D
G
C
B
A
F
reflow soldering
wave soldering
Fig.3 Recommended pad dimensions for reflow and wave soldering



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com