Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

085CS Datasheet(PDF) 3 Page - Vishay Siliconix

Part # 085CS
Description  Aluminum Capacitors SMD (Chip) Standard
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

085CS Datasheet(HTML) 3 Page - Vishay Siliconix

  085CS Datasheet HTML 1Page - Vishay Siliconix 085CS Datasheet HTML 2Page - Vishay Siliconix 085CS Datasheet HTML 3Page - Vishay Siliconix 085CS Datasheet HTML 4Page - Vishay Siliconix 085CS Datasheet HTML 5Page - Vishay Siliconix 085CS Datasheet HTML 6Page - Vishay Siliconix 085CS Datasheet HTML 7Page - Vishay Siliconix 085CS Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Document Number: 28300
For technical questions, contact: aluminumcaps1@vishay.com
www.vishay.com
Revision: 28-May-08
3
085 CS
Aluminum Capacitors
SMD (Chip) Standard
Vishay BCcomponents
SOLDERING
Soldering conditions are defined by the curve, temperature
versus time. The temperature is that measured on the
soldering pad during processing.
For maximum conditions of different soldering methods see
Figs 5, 6 and 7.
Any temperature/time curve which does not exceed the
specified maximum curves may be applied.
AS A GENERAL PRINCIPLE,
TEMPERATURE AND
DURATION SHALL BE THE MINIMUM NECESSARY
REQUIRED
TO
ENSURE
GOOD
SOLDERING
CONNECTIONS.
Table 3
Table4
b
a
d
c
flow-direction of solder
For dimensions a, b, c and d, refer to Table 3
Flow direction of solder preferably onto side-walls or plus-side of the capacitors
Fig.4 Minimum ditances between 085 CS capacitors on a printed-circuit board for wave soldering
MINIMUM DISTANCES BETWEEN CAPACITORS in millimeters
NOMINAL CASE SIZE
L x W x H
CASE
CODE
amin.
bmin.
cmin.
dmin.
8.8 x 3.7 x 3.9
1a
12
12
6.8
6.8
11.9 x 3.7 x 3.9
1
15
15
6.8
6.8
CURING CONDITIONS FOR SMD-GLUE
MAX. Tamb
(
°C)
MAX. EXPOSURE TIME
(minutes)
125
10
140
3
150
1
160
0.5
280
260
240
220
200
180
160
140
120
100
80
0
50
100
150
200
250
T
Pad
(°C)
Fig.5 Maximum temperature load during infrared reflow soldering
f(s)
280
260
240
220
200
180
160
140
120
100
80
0
50
100
150
200
250
T
Pad
(°C)
Fig.6 Maximum temperature load during vapor phase reflow soldering
f(s)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com