Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T405-600 Datasheet(PDF) 3 Page - STMicroelectronics

Part # T405-600
Description  4A TRIACS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

T405-600 Datasheet(HTML) 3 Page - STMicroelectronics

  T405-600 Datasheet HTML 1Page - STMicroelectronics T405-600 Datasheet HTML 2Page - STMicroelectronics T405-600 Datasheet HTML 3Page - STMicroelectronics T405-600 Datasheet HTML 4Page - STMicroelectronics T405-600 Datasheet HTML 5Page - STMicroelectronics T405-600 Datasheet HTML 6Page - STMicroelectronics T405-600 Datasheet HTML 7Page - STMicroelectronics T405-600 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
T4 Series
3/8
PRODUCT SELECTOR
ORDERING INFORMATION
OTHER INFORMATION
Note: xx = sensitivity, yyy = voltage
Part Number
Voltage (xxx)
Sensitivity
Type
Package
600 V
700 V
800 V
T405-xxxB
X
X
X
5 mA
Logic level
DPAK
T405-xxxH
X
X
X
5 mA
Logic level
IPAK
T405-xxxT
X
X
X
5 mA
Logic level
TO-220AB
T405-xxxW
X
X
X
5 mA
Logic level
ISOWATT220AB
T410-xxxB
X
X
X
10 mA
Logic level
DPAK
T410-xxxH
X
X
X
10 mA
Logic level
IPAK
T410-xxxT
X
X
X
10 mA
Logic level
TO-220AB
T410-xxxW
X
X
X
10 mA
Logic level
ISOWATT220AB
T435-xxxB
X
X
X
35 mA
Snubberless
DPAK
T435-xxxH
X
X
X
35 mA
Snubberless
IPAK
T435-xxxT
X
X
X
35 mA
Snubberless
TO-220AB
T435-xxxW
X
X
X
35 mA
Snubberless
ISOWATT220AB
Part Number
Marking
Weight
Base
quantity
Packing
mode
T4xx-yyyB
T4xxyyyB
0.3 g
75
Tube
T4xx-yyyB-TR
T4xxyyyB
0.3 g
2500
Tape & reel
T4xx-yyyH
T4xxyyy
0.4 g
75
Tube
T4xx-yyyT
T4xxyyyT
2.3 g
50
Tube
T4xx-yyyW
T4xxyyyW
2.1 g
50
Tube
T
4
05
-
600
B
(-TR)
TRIAC
SERIES
SENSITIVITY:
05: 05mA
10: 10mA
35: 35mA
VOLTAGE:
600: 600V
700: 700V
800: 800V
CURRENT: 4A
PACKAGE:
B: DPAK
H: IPAK
T: TO-220AB
W: ISOWATT220AB
PACKING MODE:
Blank: Tube
-TR: DPAK Tape & Reel



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com