Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T405-600 Datasheet(PDF) 4 Page - STMicroelectronics

Part # T405-600
Description  4A TRIACS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

T405-600 Datasheet(HTML) 4 Page - STMicroelectronics

  T405-600 Datasheet HTML 1Page - STMicroelectronics T405-600 Datasheet HTML 2Page - STMicroelectronics T405-600 Datasheet HTML 3Page - STMicroelectronics T405-600 Datasheet HTML 4Page - STMicroelectronics T405-600 Datasheet HTML 5Page - STMicroelectronics T405-600 Datasheet HTML 6Page - STMicroelectronics T405-600 Datasheet HTML 7Page - STMicroelectronics T405-600 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
T4 Series
4/8
Fig. 1: Maximum power dissipation versus RMS
on-state current (full cycle).
Fig. 2-1: RMS on-state current case versus tem-
perature (full cycle).
Fig. 2-2: RMS on-state current versus ambient
temperature (printed circuit FR4, copper thick-
ness: 35µm),full cycle.
Fig. 3: Relative variation of thermal impedance
versus pulse duration.
Fig. 4: Relative variation of gate trigger current,
holding current and latching current versus
junction temperature (typical values).
Fig. 5: Surge peak on-state current versus
number of cycles.
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
0
1
2
3
4
5
6
P(W)
IT(RMS)(A)
0
25
50
75
100
125
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
Tc(°C)
IT(RMS)(A)
TO-220AB/DPAK/IPAK
ISOWATT220AB
0
25
50
75
100
125
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
Tamb(°C)
IT(RMS)(A)
DPAK
(S=0.5cm²)
1E-2
1E-1
1E+0
1E+1
1E+2
5E+2
1E-2
1E-1
1E+0
K=[Zth/Rth]
Rth(j-c)
Rth(j-a)
TO-220AB/DPAK/IPAK
ISOWATT220AB
DPAK/IPAK
TO-220AB/ISOWATT220AB
tp(s)
-40
-20
0
20
40
60
80
100
120
140
0.0
0.5
1.0
1.5
2.0
2.5
IGT,IH,IL [Tj] / IGT,IH,IL [Tj=25°C]
IGT
IH & IL
Tj(°C)
1
10
100
1000
0
5
10
15
20
25
30
35
ITSM(A)
Non repetitive
Tj initial=25°C
Repetitive
Tc=110°C
One cycle
t=20ms
Number of cycles



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com