Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7286 Datasheet(PDF) 3 Page - STMicroelectronics

Part # TDA7286
Description  SINGLE CHIP PREAMPLIFIER FOR DOUBLE DECK RADIO CASSETTE RECORDER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7286 Datasheet(HTML) 3 Page - STMicroelectronics

  TDA7286 Datasheet HTML 1Page - STMicroelectronics TDA7286 Datasheet HTML 2Page - STMicroelectronics TDA7286 Datasheet HTML 3Page - STMicroelectronics TDA7286 Datasheet HTML 4Page - STMicroelectronics TDA7286 Datasheet HTML 5Page - STMicroelectronics TDA7286 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
ELECTRICAL CHARACTERISTICS (VS = 6V, Tamb =25
°C; f = 1KHz; RL = 4.7kΩ;Rg = 2.2kΩ, unless
otherwise specified.)
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
VS
Supply Voltage
4
12
V
Id
Quiescent Current
7
15
mA
PLAYBACK AMPLIFIER
GVO
Open Loop Gain
80
dB
VCD
Output DC Voltage
1.2
1.5
1.7
V
VO
Output AC Voltage
THD = 1%
700
950
mVrms
SVR
Supply Voltage Rejection
f = 100Hz
35
45
dB
CT
Cross Talk
60
dB
EN
Total Output Noise
Rg = 0, BW = 22 to 22kHz
300
µV
RE
Internal Feedback Res
180
k
Ω
RECORDING AMPLIFIER
GVO
Open Loop Gain
80
dB
Ri
Input resistance
30
50
70
k
Ω
VDC
Output DC Voltage
2.0
2.4
2.8
V
VO
Output AC Voltage
THD = 1%
ALC = OFF
ALC = ON
1
0.75
1.4
1
1.25
Vrms
Vrms
THD
Total Harmonic Distortion
VO = 0.5Vrms; ALC = OFF
0.2
0.5
%
ALC Range
∆VO = 3dB
48
dB
CB
Channel Balance
ALC = ON
0
2
dB
SVR
Supply Voltage Rejection
f = 100Hz
28
32
dB
CT
Cross Talk
f = 1KHz
60
dB
HEAD SELECT INPUT
Input LOW Level
chB selected
0.6
V
Input HIGH level
chA seleced
1.4
V
TDA7286
3/6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com