Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7286 Datasheet(PDF) 1 Page - STMicroelectronics

Part # TDA7286
Description  SINGLE CHIP PREAMPLIFIER FOR DOUBLE DECK RADIO CASSETTE RECORDER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7286 Datasheet(HTML) 1 Page - STMicroelectronics

  TDA7286 Datasheet HTML 1Page - STMicroelectronics TDA7286 Datasheet HTML 2Page - STMicroelectronics TDA7286 Datasheet HTML 3Page - STMicroelectronics TDA7286 Datasheet HTML 4Page - STMicroelectronics TDA7286 Datasheet HTML 5Page - STMicroelectronics TDA7286 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TDA7286
SINGLE CHIP PREAMPLIFIER FOR DOUBLE
DECK RADIO CASSETTE RECORDER
HIGH OPEN-LOOP GAIN (80dB)
VERY LOW INPUT NOISE
LOW TURN ON/OFF POP
LOW SUPPLY CURRENT
PLAYBACK AMPLIFIER WITH HEAD INPUT
SWITCH
RECORDING AMPLIFIER WITH BUILT-IN
ALC
ALC TIME CONSTANT PIN CAN BE USED
AS ALC SWITCH
GOOD SUPPLY RIPPLE REJECTION
DESCRIPTION
The TDA7286 is a monolithic integrated circuit in
DIP20 and SO20 packages designed for 6V, 9V
and 12V AC/DC double deck cassette applica-
tions.
May 1997
BLOCK DIAGRAM
DIP20
SO20
ORDERING NUMBERS:
TDA7286
TDA7286D
1/6


Similar Part No. - TDA7286

ManufacturerPart #DatasheetDescription
logo
First Components Intern...
TDA7282 FCI-TDA7282 Datasheet
409Kb / 9P
DUAL LOW-VOLTAGE POWER AMPLIFIER
logo
STMicroelectronics
TDA7284 STMICROELECTRONICS-TDA7284 Datasheet
157Kb / 14P
RECORD/PLAYBACK CIRCUIT WITH ALC
May-1997
TDA7284D STMICROELECTRONICS-TDA7284D Datasheet
157Kb / 14P
RECORD/PLAYBACK CIRCUIT WITH ALC
May-1997
TDA7285 STMICROELECTRONICS-TDA7285 Datasheet
154Kb / 11P
STEREO CASSETTE PLAYER AND MOTOR SPEED CONTROLLER
May-1997
TDA7285D STMICROELECTRONICS-TDA7285D Datasheet
154Kb / 11P
STEREO CASSETTE PLAYER AND MOTOR SPEED CONTROLLER
May-1997
More results

Similar Description - TDA7286

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA2068N TOSHIBA-TA2068N Datasheet
754Kb / 18P
SYSTEM PREAMPLIFIER FOR SINGLE CASSETTE DECK
TA8189N TOSHIBA-TA8189N Datasheet
519Kb / 14P
QUAD PREAMPLIFIER FOR DOUBLE CASSETTE TAPE RECORDER
logo
Rohm
BA3416BL ROHM-BA3416BL Datasheet
38Kb / 3P
Double cassette tape recorder dual preamplifier
BA3423S ROHM-BA3423S Datasheet
417Kb / 18P
Double cassette tape recorder system preamplifier
BA3426AS ROHM-BA3426AS Datasheet
299Kb / 12P
Double cassette tape recorder system preamplifier
logo
Sanyo Semicon Device
LA1823 SANYO-LA1823 Datasheet
1Mb / 10P
Single-Chip Tuner IC for Use in Radio Cassette Recorder
logo
KEC(Korea Electronics)
KIA6289N KEC-KIA6289N Datasheet
254Kb / 12P
BIPOLAR LINEAR INTEGRATED CIRCUIT (QUAD PREAMPLIFIER FOR DOUBLE CASSETTE TAPE RECORDER)
logo
Mitsubishi Electric Sem...
M51162 MITSUBISHI-M51162 Datasheet
449Kb / 7P
RECORDINGIPLAYBACK PREAMPLIFIER FOR STEREO CASSETTE TAPE RECORDER
logo
Sanyo Semicon Device
LA1823 SANYO-LA1823_06 Datasheet
139Kb / 12P
Single-Chip Tuner ICs for Use in Radio Cassette Recorder
LA1823 SANYO-LA1823_09 Datasheet
104Kb / 12P
Single-Chip Tuner ICs for Use in Radio Cassette Recorder
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com