Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7285 Datasheet (PDF) - STMicroelectronics

TDA7285 Datasheet PDF - STMicroelectronics
Part # TDA7285
Download  TDA7285 Download
File Size   154.5 Kbytes
Page   11 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description STEREO CASSETTE PLAYER AND MOTOR SPEED CONTROLLER

TDA7285 Datasheet (PDF)

Go To PDF Page Download Datasheet
TDA7285 Datasheet PDF - STMicroelectronics

Part # TDA7285
Download  TDA7285 Click to download

File Size   154.5 Kbytes
Page   11 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description STEREO CASSETTE PLAYER AND MOTOR SPEED CONTROLLER

TDA7285 Datasheet (HTML) - STMicroelectronics


TDA7285 Product details

DESCRIPTION

The TDA7285 is a monolithic integrated circuit designed for the portable players market and as sembled in a plastic DIP20 and SO20. The internal functions are: preamplifier, DC volume control, headphone driver and motor speed controller.



WIDE OPERATING SUPPLY VOLTAGE (1.8V to 6V)

HIGH OUTPUT POWER (30mW/32Ω/3V)

LOW DISTORTION DC VOLUME CONTROL

NO BOUCHEROT CELL

LOW QUIESCENT CURRENT (15mA)

NO INPUT CAPACITORS FOR PREAMPLIFIERS

LOW MOTOR REFERENCE VOLTAGE(200mV)




Similar Part No. - TDA7285

ManufacturerPart #DatasheetDescription
logo
First Components Intern...
TDA7282 FCI-TDA7282 Datasheet
409Kb / 9P
DUAL LOW-VOLTAGE POWER AMPLIFIER
logo
STMicroelectronics
TDA7284 STMICROELECTRONICS-TDA7284 Datasheet
157Kb / 14P
RECORD/PLAYBACK CIRCUIT WITH ALC
May-1997
TDA7284D STMICROELECTRONICS-TDA7284D Datasheet
157Kb / 14P
RECORD/PLAYBACK CIRCUIT WITH ALC
May-1997
TDA7286 STMICROELECTRONICS-TDA7286 Datasheet
59Kb / 6P
SINGLE CHIP PREAMPLIFIER FOR DOUBLE DECK RADIO CASSETTE RECORDER
May-1997
TDA7286D STMICROELECTRONICS-TDA7286D Datasheet
59Kb / 6P
SINGLE CHIP PREAMPLIFIER FOR DOUBLE DECK RADIO CASSETTE RECORDER
May-1997
More results


Similar Description - TDA7285

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
TDA1085C MOTOROLA-TDA1085C Datasheet
170Kb / 12P
UNIVERSAL MOTOR SPEED CONTROLLER
logo
NXP Semiconductors
TDA1522 PHILIPS-TDA1522 Datasheet
120Kb / 16P
Stereo cassette head preamplifier and equalizer
1996 Feb 26
TDA1523 PHILIPS-TDA1523 Datasheet
121Kb / 16P
Stereo cassette head preamplifier and equalizer
1996 Feb 26
logo
Samsung semiconductor
KA2404 SAMSUNG-KA2404 Datasheet
148Kb / 6P
DC MOTOR SPEED CONTROLLER
logo
Sanyo Semicon Device
LA4583M SANYO-LA4583M Datasheet
773Kb / 32P
Compact Cassette Stereo Recording and Playback System
logo
Sony Corporation
CXA1634P SONY-CXA1634P Datasheet
183Kb / 12P
PRE-POWER AMPLIFIER FOR POCKETABLE STEREO CASSETTE PLAYER
logo
KEC(Korea Electronics)
KIA6903P KEC-KIA6903P Datasheet
52Kb / 2P
BIPOLAR LINEAR INTEGRATED CIRCUIT (DC MOTOR SPEED CONTROLLER FOR CASSETTE TAPE RECORDER SYSTEM)
logo
Samsung semiconductor
KA2401 SAMSUNG-KA2401 Datasheet
185Kb / 5P
DC MOTOR SPEED CONTROLLER
logo
Rohm
BD3871FS ROHM-BD3871FS Datasheet
94Kb / 3P
Sound processor for CD radio cassette player
logo
IXYS Corporation
AN-109 IXYS-AN-109 Datasheet
70Kb / 3P
Variable-Speed Motor Controller
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com