Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7285 Datasheet(PDF) 2 Page - STMicroelectronics

Part # TDA7285
Description  STEREO CASSETTE PLAYER AND MOTOR SPEED CONTROLLER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7285 Datasheet(HTML) 2 Page - STMicroelectronics

  TDA7285 Datasheet HTML 1Page - STMicroelectronics TDA7285 Datasheet HTML 2Page - STMicroelectronics TDA7285 Datasheet HTML 3Page - STMicroelectronics TDA7285 Datasheet HTML 4Page - STMicroelectronics TDA7285 Datasheet HTML 5Page - STMicroelectronics TDA7285 Datasheet HTML 6Page - STMicroelectronics TDA7285 Datasheet HTML 7Page - STMicroelectronics TDA7285 Datasheet HTML 8Page - STMicroelectronics TDA7285 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
PIN CONNECTION (Top view)
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
VS
Supply Voltage
8
V
IOmax
Maximum Output Current
70
mA
Im max
Maximum Motor Current
700
mA
Ptot
Total Power Dissipation Tamb =90
°C
0.9
W
Top
Operating Temperature
-20 to +70
°C
Tstg,Tj
Storage and Junction Temperature
-40 to 150
°C
THERMAL DATA
Symbol
Description
SO20
DIP20
Unit
Rth j-amb
Thermal Resistance Junction-ambient
150
100
°C/W
DC CHARACTERISTICS (Tamb =25
°C; VS = 3V; RL =32Ω (Headphone) and RL = 10KΩ (Preamplifier);
Vi = 0; VOL. Control = Vref).
Terminal No
123456
789
10
11
12
13
14
15
16
17
18
19
20
Term. Volt. (V)
0
1.5 1.5 1.5 1.5 2.7 1.4
0
2.8
0
1.6
3
3
1.4 1.5 1.5 1.5 1.5 1.5 1.5
TDA7285
2/11



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com