Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7285 Datasheet(PDF) 1 Page - STMicroelectronics

Part # TDA7285
Description  STEREO CASSETTE PLAYER AND MOTOR SPEED CONTROLLER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7285 Datasheet(HTML) 1 Page - STMicroelectronics

  TDA7285 Datasheet HTML 1Page - STMicroelectronics TDA7285 Datasheet HTML 2Page - STMicroelectronics TDA7285 Datasheet HTML 3Page - STMicroelectronics TDA7285 Datasheet HTML 4Page - STMicroelectronics TDA7285 Datasheet HTML 5Page - STMicroelectronics TDA7285 Datasheet HTML 6Page - STMicroelectronics TDA7285 Datasheet HTML 7Page - STMicroelectronics TDA7285 Datasheet HTML 8Page - STMicroelectronics TDA7285 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
TDA7285
STEREO CASSETTE PLAYER AND
MOTOR SPEED CONTROLLER
WIDE OPERATING SUPPLY VOLTAGE (1.8V
to 6V)
HIGH OUTPUT POWER (30mW/32
Ω/3V)
LOW DISTORTION DC VOLUME CONTROL
NO BOUCHEROT CELL
LOW QUIESCENT CURRENT (15mA)
NO INPUT CAPACITORS FOR PREAMPLIFI-
ERS
LOW
MOTOR
REFERENCE
VOLTAGE
(200mV)
DESCRIPTION
The TDA7285 is a monolithic integrated circuit
designed for the portable players market and as-
sembled in a plastic DIP20 and SO20. The inter-
nal functions are: preamplifier, DC volume con-
trol, headphone driver and motor speed control-
ler.
May 1997
BLOCK DIAGRAM
DIP20
SO20
ORDERING NUMBERS:
TDA7285
TDA7285D
1/11


Similar Part No. - TDA7285

ManufacturerPart #DatasheetDescription
logo
First Components Intern...
TDA7282 FCI-TDA7282 Datasheet
409Kb / 9P
DUAL LOW-VOLTAGE POWER AMPLIFIER
logo
STMicroelectronics
TDA7284 STMICROELECTRONICS-TDA7284 Datasheet
157Kb / 14P
RECORD/PLAYBACK CIRCUIT WITH ALC
May-1997
TDA7284D STMICROELECTRONICS-TDA7284D Datasheet
157Kb / 14P
RECORD/PLAYBACK CIRCUIT WITH ALC
May-1997
TDA7286 STMICROELECTRONICS-TDA7286 Datasheet
59Kb / 6P
SINGLE CHIP PREAMPLIFIER FOR DOUBLE DECK RADIO CASSETTE RECORDER
May-1997
TDA7286D STMICROELECTRONICS-TDA7286D Datasheet
59Kb / 6P
SINGLE CHIP PREAMPLIFIER FOR DOUBLE DECK RADIO CASSETTE RECORDER
May-1997
More results

Similar Description - TDA7285

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
TDA1085C MOTOROLA-TDA1085C Datasheet
170Kb / 12P
UNIVERSAL MOTOR SPEED CONTROLLER
logo
NXP Semiconductors
TDA1522 PHILIPS-TDA1522 Datasheet
120Kb / 16P
Stereo cassette head preamplifier and equalizer
1996 Feb 26
TDA1523 PHILIPS-TDA1523 Datasheet
121Kb / 16P
Stereo cassette head preamplifier and equalizer
1996 Feb 26
logo
Samsung semiconductor
KA2404 SAMSUNG-KA2404 Datasheet
148Kb / 6P
DC MOTOR SPEED CONTROLLER
logo
Sanyo Semicon Device
LA4583M SANYO-LA4583M Datasheet
773Kb / 32P
Compact Cassette Stereo Recording and Playback System
logo
Sony Corporation
CXA1634P SONY-CXA1634P Datasheet
183Kb / 12P
PRE-POWER AMPLIFIER FOR POCKETABLE STEREO CASSETTE PLAYER
logo
KEC(Korea Electronics)
KIA6903P KEC-KIA6903P Datasheet
52Kb / 2P
BIPOLAR LINEAR INTEGRATED CIRCUIT (DC MOTOR SPEED CONTROLLER FOR CASSETTE TAPE RECORDER SYSTEM)
logo
Samsung semiconductor
KA2401 SAMSUNG-KA2401 Datasheet
185Kb / 5P
DC MOTOR SPEED CONTROLLER
logo
Rohm
BD3871FS ROHM-BD3871FS Datasheet
94Kb / 3P
Sound processor for CD radio cassette player
logo
IXYS Corporation
AN-109 IXYS-AN-109 Datasheet
70Kb / 3P
Variable-Speed Motor Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com