Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7285 Datasheet(PDF) 3 Page - STMicroelectronics

Part # TDA7285
Description  STEREO CASSETTE PLAYER AND MOTOR SPEED CONTROLLER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7285 Datasheet(HTML) 3 Page - STMicroelectronics

  TDA7285 Datasheet HTML 1Page - STMicroelectronics TDA7285 Datasheet HTML 2Page - STMicroelectronics TDA7285 Datasheet HTML 3Page - STMicroelectronics TDA7285 Datasheet HTML 4Page - STMicroelectronics TDA7285 Datasheet HTML 5Page - STMicroelectronics TDA7285 Datasheet HTML 6Page - STMicroelectronics TDA7285 Datasheet HTML 7Page - STMicroelectronics TDA7285 Datasheet HTML 8Page - STMicroelectronics TDA7285 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
ELECTRICAL CHARACTERISTICS (VS = 3V; RL =32
Ω, Vol. Control = 2/3 Vref (pin 20);Tamb =25°C; f =
1KHz; unless otherwise specified
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
VS
Supply Range
1.8
6
V
Id
Total Quiescent Drain Current
15
22
mA
PLAYBACK AMPLIFIER
Gvo
Open Loop Gain
70
dB
Gv
Close Loop Gain
33
dB
VO
Output Voltage
THD = 1%
600
750
mV
THD
Total Harmonic Distortion
VO = 330mVrms
0.05
0.25
%
Ib
Bias Current
3
µA
Ct
Cross Talk
RS = 2.2K
Ω;VO = 330mVrms
74
dB
en
Total Input Noise
RS = 2.2K
Ω; B = 22Hz to 22KHz
1.2
µV
SVR1
Ripple Rejection
RS = 2.2K
Ω; Vr = 100mVrms
f = 100Hz; CSVR = 100
µF
50
dB
HEADPHONE DRIVER
VDC
Output DC Voltage
1.4
V
PO
Output Power
THD = 10%
20
30
mW
PO1
Transient Output Power
THD = 10% RL =16
Ω
50
mW
GV
Close Loop Gain
PO = 5mW
31
dB
Volume Control range
66
75
dB
THD
Total Harmonic Distortion
PO = 5mW
0.3
1
%
Ct
Cross Talk
PO =5mW; RS = 10K
Ω
50
dB
SVR2
Ripple Rejection
RS = 600
Ω; Vr = 100mV
f = 100Hz; CSVR = 100
µF
47
dB
MOTOR SPEED CONTROL
Vref
Motor Reference Voltage (pin 12)
0.18
0.20
0.22
V
K
Shunt Ratio
Im = 100mA
45
50
55
-
Vsat
Residual Voltage
Im = 100mA
0.13
0.30
V
∆ Vref
Vref
⁄ ∆ VS Line Regulation
Im = 100mA;
VS = 1.8 to 6V
0.20
0.8
%/V
∆ K
K
⁄ ∆ VS
Voltage Characteristics of Shunt
Ratio
Im = 100mA;
VS = 1.8 to 6V
0.80
3
%/V
∆ Vref
Vref
⁄ ∆ Im Load Regulation
Im = 30 to 200mA
0.015
0.08
%/mA
∆ K
K
⁄ ∆ Im
Current Characteristics of Shunt
Ratio
Im = 30 to 200mA
0.03
0.1
%/mA
∆ Vref
Vref
⁄ ∆ Tamb Temperature Characteristics of
Reference Voltage
Im = 100mA
Tamb = -20 to +60
°C
0.04
%/
°C
∆ K
K
⁄ ∆ Tamb Temperature Characteristics of
Shunt Ratio
Im = 100mA
Tamb = -20 to +60
°C
0.02
%/
°C
TDA7285
3/11



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com