Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7296V Datasheet(PDF) 10 Page - STMicroelectronics

Part # TDA7296V
Description  70V - 60W DMOS AUDIO AMPLIFIER WITH MUTE/ST-BY
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7296V Datasheet(HTML) 10 Page - STMicroelectronics

Back Button TDA7296V Datasheet HTML 5Page - STMicroelectronics TDA7296V Datasheet HTML 6Page - STMicroelectronics TDA7296V Datasheet HTML 7Page - STMicroelectronics TDA7296V Datasheet HTML 8Page - STMicroelectronics TDA7296V Datasheet HTML 9Page - STMicroelectronics TDA7296V Datasheet HTML 10Page - STMicroelectronics TDA7296V Datasheet HTML 11Page - STMicroelectronics TDA7296V Datasheet HTML 12Page - STMicroelectronics TDA7296V Datasheet HTML 13Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
BRIDGE APPLICATION
Another application suggestion is the BRIDGE
configuration, where two TDA7296 are used, as
shown by the schematic diagram of figure 25.
In this application, the value of the load must not
be lower than 8 Ohm for dissipation and current
capability reasons.
A suitable field of application includes HI-FI/TV
subwoofers realizations.
The main advantages offered by this solution are:
- High power performances with limited supply
voltage level.
- Considerably high output power even with high
load values (i.e. 16 Ohm).
The characteristics shown by figures 20 and 21,
measured with loads respectively 8 Ohm and 16
Ohm.
With Rl= 8 Ohm, Vs =
±18V the maximum output
power obtainable is 60W, while with Rl=16 Ohm,
Vs =
±24V the maximum Pout is 60W.
22K
0.56
µF
2200
µF
0.22
µF
+
-
22
µF
22K
680
22K
3
1
4
13
7
+Vs
Vi
8
15
2
14
6
10
9
+
-
3
0.56
µF
22K
1
4
2
14
6
22
µF
22K
680
10
9
22
µF
15
8
-Vs
2200
µF
0.22
µF
22
µF
20K
10K
30K
1N4148
ST-BY/MUTE
13
7
D93AU015A
Figure 18: Bridge Application Circuit
TDA7296
10/13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com