Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7296V Datasheet(PDF) 3 Page - STMicroelectronics

Part # TDA7296V
Description  70V - 60W DMOS AUDIO AMPLIFIER WITH MUTE/ST-BY
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7296V Datasheet(HTML) 3 Page - STMicroelectronics

  TDA7296V Datasheet HTML 1Page - STMicroelectronics TDA7296V Datasheet HTML 2Page - STMicroelectronics TDA7296V Datasheet HTML 3Page - STMicroelectronics TDA7296V Datasheet HTML 4Page - STMicroelectronics TDA7296V Datasheet HTML 5Page - STMicroelectronics TDA7296V Datasheet HTML 6Page - STMicroelectronics TDA7296V Datasheet HTML 7Page - STMicroelectronics TDA7296V Datasheet HTML 8Page - STMicroelectronics TDA7296V Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
THERMAL DATA
Symbol
Description
Value
Unit
Rth j-case
Thermal Resistance Junction-case
Max
1.5
°C/W
ELECTRICAL CHARACTERISTICS (Refer to the Test Circuit VS =
±24V, RL =8Ω,GV = 30dB;
Rg =50
Ω;Tamb =25°C, f = 1 kHz; unless otherwise specified.
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
VS
Operating Supply Range
±10
±35
V
Iq
Quiescent Current
20
30
60
mA
Ib
Input Bias Current
500
nA
VOS
Input Offset Voltage
+10
mV
IOS
Input Offset Current
+100
nA
PO
RMS Continuous Output Power
d = 0.5%:
VS =
± 24V, RL =8Ω
VS =
± 21V, RL =6Ω
ςS = ± 18V, RL =4Ω
27
27
27
30
30
30
W
W
W
Music Power (RMS) (*)
∆t= 1s
d = 10%;
RL =8
Ω ;VS = ±29V
RL =6
Ω ;VS = ±24V
RL =4
Ω;VS = ±22V
60
60
60
W
W
W
d
Total Harmonic Distortion (**)
PO = 5W; f = 1kHz
PO = 0.1 to 20W; f = 20Hz to 20kHz
0.005
0.1
%
%
VS =
±18V, RL =4Ω:
PO = 5W; f = 1kHz
PO = 0.1 to 20W; f = 20Hz to 20kHz
0.01
0.1
%
%
SR
Slew Rate
7
10
V/
µs
GV
Open Loop Voltage Gain
80
dB
GV
Closed Loop Voltage Gain
24
30
40
dB
eN
Total Input Noise
A = curve
f = 20Hz to 20kHz
1
25
µV
µV
fL,fH
Frequency Response (-3dB)
PO = 1W
20Hz to 20kHz
Ri
Input Resistance
100
k
Ω
SVR
Supply Voltage Rejection
f = 100Hz; Vripple = 0.5Vrms
60
75
dB
TS
Thermal Shutdown
145
°C
STAND-BY FUNCTION (Ref: -VS or GND)
VST on
Stand-by on Threshold
1.5
V
VST off
Stand-by off Threshold
3.5
V
ATTst-by
Stand-by Attenuation
70
90
dB
Iq st-by
Quiescent Current @ Stand-by
1
3
mA
MUTE FUNCTION (Ref: -VS or GND)
VMon
Mute on Threshold
1.5
V
VMoff
Mute off Threshold
3.5
V
ATTmute
Mute AttenuatIon
60
80
dB
Note (*):
MUSIC POWER is the maximal power which the amplifier is capable of producing across the rated load resistance (regardless of non linearity)
1 sec after the application of a sinusoidal input signal of frequency 1KHz.
Note (**): Tested with optimized Application Board (see fig. 2)
TDA7296
3/13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com