Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TYN612T Datasheet(PDF) 2 Page - STMicroelectronics

Part # TYN612T
Description  SENSITIVE & STANDARD(12A SCRs)
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TYN612T Datasheet(HTML) 2 Page - STMicroelectronics

  TYN612T Datasheet HTML 1Page - STMicroelectronics TYN612T Datasheet HTML 2Page - STMicroelectronics TYN612T Datasheet HTML 3Page - STMicroelectronics TYN612T Datasheet HTML 4Page - STMicroelectronics TYN612T Datasheet HTML 5Page - STMicroelectronics TYN612T Datasheet HTML 6Page - STMicroelectronics TYN612T Datasheet HTML 7Page - STMicroelectronics TYN612T Datasheet HTML 8Page - STMicroelectronics TYN612T Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
TN12, TS12 and TYNx12 Series
2/11
Table 3: Absolute Ratings (limiting values)
Tables 4: Electrical Characteristics (Tj = 25°C, unless otherwise specified)
■ SENSITIVE
Symbol
Parameter
Value
Unit
TN12-G
TYN12
TN12-B/H
TS12-B/H
IT(RMS) RMS on-state current (180° conduction angle)
Tc = 105°C
12
A
IT(AV)
Average on-state current (180° conduction
angle)
Tc = 105°C
8
A
ITSM
Non repetitive surge peak on-
state current
tp = 8.3 ms
Tj = 25°C
145
115
A
tp = 10 ms
140
110
I²tI²t Value for fusing
tp = 10 ms
Tj = 25°C
98
60
A2S
dI/dt
Critical rate of rise of on-state
current IG = 2 x IGT , tr ≤ 100 ns
F = 60 Hz
Tj = 125°C
50
A/µs
IGM
Peak gate current
tp = 20 µs
Tj = 125°C
4A
PG(AV)
Average gate power dissipation
Tj = 125°C
1W
Tstg
Tj
Storage junction temperature range
Operating junction temperature range
- 40 to + 150
- 40 to + 125
°C
VRGM
Maximum peak reverse gate voltage (for TN12 & TYN12 only)
5
V
Symbol
Test Conditions
TS1220
Unit
IGT
VD = 12 V
RL = 140 Ω
MAX.
200
µA
VGT
MAX.
0.8
V
VGD
VD = VDRM RL = 3.3 kΩ RGK = 1 kΩ
Tj = 125°C
MIN.
0.1
V
VRG
IRG = 10 µA
MIN.
8
V
IH
IT = 50 mA RGK = 1 kΩ
MAX.
5
mA
IL
IG = 1 mA
RGK = 1 kΩ
MAX.
6
mA
dV/dt
VD = 65 % VDRM RGK = 220 Ω
Tj = 125°C
MIN.
5
V/µs
VTM
ITM = 24 A tp = 380 µs
Tj = 25°C
MAX.
1.6
V
Vt0
Threshold voltage
Tj = 125°C
MAX.
0.85
V
Rd
Dynamic resistance
Tj = 125°C
MAX.
30
m
Ω
IDRM
IRRM
VDRM = VRRM
RGK = 220 Ω
Tj = 25°C
MAX.
5µA
Tj = 125°C
2mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com