Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TYN612T Datasheet(PDF) 6 Page - STMicroelectronics

Part # TYN612T
Description  SENSITIVE & STANDARD(12A SCRs)
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TYN612T Datasheet(HTML) 6 Page - STMicroelectronics

Back Button TYN612T Datasheet HTML 2Page - STMicroelectronics TYN612T Datasheet HTML 3Page - STMicroelectronics TYN612T Datasheet HTML 4Page - STMicroelectronics TYN612T Datasheet HTML 5Page - STMicroelectronics TYN612T Datasheet HTML 6Page - STMicroelectronics TYN612T Datasheet HTML 7Page - STMicroelectronics TYN612T Datasheet HTML 8Page - STMicroelectronics TYN612T Datasheet HTML 9Page - STMicroelectronics TYN612T Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
TN12, TS12 and TYNx12 Series
6/11
Figure 15: Ordering Information Scheme (TN8 series)
Figure 16: Ordering Information Scheme (TS8 series)
Figure 17: Ordering Information Scheme (TYN08 series)
TN 12 15 - 600 B (-TR)
Standard SCR series
Sensitivity
Voltage
Package
Packing mode
Current
12 = 12A
D PAK)
15 = 15mA
600 = 600V
800 = 800V
1000 = 1000V
B = DPAK
G = D PAK
H = IPAK
Blanck = Tube
-TR = Tape & Reel (DPAK and
2
2
TS 12 20 - 600 B (-TR)
Sensitive SCR series
Sensitivity
Voltage
Package
Packing mode
Current
12 = 12A
20 = 200µA
600 = 600V
700 = 700V
B = DPAK
H = IPAK
Blanck = Tube
-TR = Tape & Reel
TYN
6
12
T
RG
Standard SCR series
Packing mode
Voltage
Current
Sensitivity
6 = 600V
8 = 800V
10 = 100V
12 = 12A
Blanck = 30mA
T = 15mA
RG = Tube



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com