Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS12 Datasheet(PDF) 1 Page - STMicroelectronics

Part # TS12
Description  SENSITIVE & STANDARD(12A SCRs)
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS12 Datasheet(HTML) 1 Page - STMicroelectronics

  TS12 Datasheet HTML 1Page - STMicroelectronics TS12 Datasheet HTML 2Page - STMicroelectronics TS12 Datasheet HTML 3Page - STMicroelectronics TS12 Datasheet HTML 4Page - STMicroelectronics TS12 Datasheet HTML 5Page - STMicroelectronics TS12 Datasheet HTML 6Page - STMicroelectronics TS12 Datasheet HTML 7Page - STMicroelectronics TS12 Datasheet HTML 8Page - STMicroelectronics TS12 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
®
1/11
Table 1: Main Features
DESCRIPTION
Available either in sensitive (TS12) or standard
(TN12 / TYN) gate triggering levels, the 12A SCR
series is suitable to fit all modes of control, found
in applications such as overvoltage crowbar
protection, motor control circuits in power tools
and kitchen aids, inrush current limiting circuits,
capacitive
discharge
ignition
and
voltage
regulation circuits...
Available
in
through-hole
or
surface-mount
packages, they provide an optimized performance
in a limited space area.
Symbol
Value
Unit
IT(RMS)
12
A
VDRM/VRRM
600 to 1000
V
IGT
0.2 to 15
mA
TN12, TS12 and TYNx12 Series
12A SCRS
REV. 5
October 2005
SENSITIVE & STANDARD
Table 2: Order Codes
Part Numbers
Marking
TN1215-x00B
TN1215x00
TN1215-x00B-TR
TN1215x00
TN1215-x00G
TN1215x00G
TN1215-x00G-TR
TN1215x00G
TN1215-x00H
TN1215x00
TS1220-x00B
TS1220x00
TS1220-x00B-TR
TS1220x00
TS1220-x00H
TS1220x00
TYNx12RG
TYNx12
TYNx12TRG
TYNx12T
A
A
K
G
A
K
G
A
IPAK
(TN12-H / TS12-H)
TO-220AB
(TYNx12RG)
A
K
G
A
K
G
A
A
K
G
A
DPAK
(TN12-B / TS12-B)
D2PAK
(TN12-G)


Similar Part No. - TS12

ManufacturerPart #DatasheetDescription
logo
Suntan Capacitors
TS12 SUNTAN-TS12 Datasheet
169Kb / 1P
ELECTRIC DOUBLE LAYER CAPACITOR - GOLD CAPACITOR
TS12 SUNTAN-TS12 Datasheet
169Kb / 1P
ELECTRIC DOUBLE LAYER CAPACITOR - GOLD CAPACITOR
logo
CUI INC
TS12 CUI-TS12 Datasheet
971Kb / 6P
TACTILE SWITCH
04/14/2022
logo
SYC Electronica
TS12-3 SYC-TS12-3 Datasheet
352Kb / 1P
TACT SWITCH 12X12 H=7.3MM
logo
CUI INC
TS12-74-50-BK-250-SMT-TR CUI-TS12-74-50-BK-250-SMT-TR Datasheet
971Kb / 6P
TACTILE SWITCH
04/14/2022
More results

Similar Description - TS12

ManufacturerPart #DatasheetDescription
logo
Nell Semiconductor Co.,...
8PT06AI-S NELLSEMI-8PT06AI-S Datasheet
1Mb / 7P
Sensitive and Standard SCRs, 8A
12PT06AI-S NELLSEMI-12PT06AI-S Datasheet
1Mb / 7P
Sensitive and Standard SCRs, 12A
logo
Thinki Semiconductor Co...
TYN612T THINKISEMI-TYN612T Datasheet
677Kb / 6P
SENSITIVE & STANDARD(12A SCRs)
MCR310-10G THINKISEMI-MCR310-10G Datasheet
586Kb / 3P
SENSITIVE & STANDARD(10A SCRs)
logo
Nell Semiconductor Co.,...
8PT NELLSEMI-8PT_14 Datasheet
414Kb / 7P
Sensitive and Standard SCRs, 8A
12PT NELLSEMI-12PT_14 Datasheet
3Mb / 7P
Sensitive and Standard SCRs, 12A
logo
Littelfuse
S8008DRP LITTELFUSE-S8008DRP Datasheet
411Kb / 1P
8 Amp Sensitive Standard SCRs
logo
Nell Semiconductor Co.,...
8PT NELLSEMI-8PT Datasheet
413Kb / 7P
Sensitive and Standard SCRs, 8A
12PT NELLSEMI-12PT Datasheet
3Mb / 7P
Sensitive and Standard SCRs, 12A
12PT NELLSEMI-12PT_18 Datasheet
978Kb / 7P
Sensitive and Standard SCRs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com