Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS12 Datasheet(PDF) 3 Page - STMicroelectronics

Part # TS12
Description  SENSITIVE & STANDARD(12A SCRs)
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS12 Datasheet(HTML) 3 Page - STMicroelectronics

  TS12 Datasheet HTML 1Page - STMicroelectronics TS12 Datasheet HTML 2Page - STMicroelectronics TS12 Datasheet HTML 3Page - STMicroelectronics TS12 Datasheet HTML 4Page - STMicroelectronics TS12 Datasheet HTML 5Page - STMicroelectronics TS12 Datasheet HTML 6Page - STMicroelectronics TS12 Datasheet HTML 7Page - STMicroelectronics TS12 Datasheet HTML 8Page - STMicroelectronics TS12 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
TN12, TS12 and TYNx12 Series
3/11
■ STANDARD
Table 6: Thermal resistance
Symbol
Test Conditions
TN1215
TYN
Unit
B / H
G
x12T
x12
IGT
VD = 12 V
RL = 33 Ω
MIN.
2
0.5
2
mA
MAX.
15
5
15
VGT
MAX.
1.3
V
VGD
VD = VDRM RL = 3.3 kΩ
Tj = 125°C
MIN.
0.2
V
IH
IT = 500 mA Gate open
MAX.
40
30
15
30
mA
IL
IG = 1.2 IGT
MAX.
80
60
30
60
mA
dV/dt
VD = 67 % VDRM Gate open Tj =125°C
MIN.
200
40
200
V/µs
VTM
ITM = 24 A tp = 380 µs
Tj = 25°C
MAX.
1.6
V
Vt0
Threshold voltage
Tj = 125°C
MAX.
0.85
V
Rd
Dynamic resistance
Tj = 125°C
MAX.
30
m
Ω
IDRM
IRRM
VDRM = VRRM
Tj = 25°C
MAX.
5µA
Tj = 125°C
2mA
Symbol
Parameter
Value
Unit
Rth(j-c)
Junction to case (DC)
1.3
°C/W
Rth(j-a)
Junction to ambient (DC)
S = 0.5 cm²
DPAK
70
°C/W
S = 1 cm²
D2PAK
45
IPAK
100
TO-220AB
60
S = Copper surface under tab.
Figure 1: Maximum average power dissipation
versus average on-state current
Figure 2: Average and D.C. on-state current
versus case temperature
01
23
456
7
8
9
0
1
2
3
4
5
6
7
8
9
10
11
12
P(W)
I
(A)
T(AV)
α = 180°
360°
α
0
25
50
75
100
125
0
2
4
6
8
10
12
14
I
(A)
T(AV)
T
(°C)
case
α = 180°
D.C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com