Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7311 Datasheet(PDF) 4 Page - STMicroelectronics

Part # TDA7311
Description  SERIAL BUS CONTROLLED AUDIO PROCESSOR
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7311 Datasheet(HTML) 4 Page - STMicroelectronics

  TDA7311 Datasheet HTML 1Page - STMicroelectronics TDA7311 Datasheet HTML 2Page - STMicroelectronics TDA7311 Datasheet HTML 3Page - STMicroelectronics TDA7311 Datasheet HTML 4Page - STMicroelectronics TDA7311 Datasheet HTML 5Page - STMicroelectronics TDA7311 Datasheet HTML 6Page - STMicroelectronics TDA7311 Datasheet HTML 7Page - STMicroelectronics TDA7311 Datasheet HTML 8Page - STMicroelectronics TDA7311 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
ELECTRICAL CHARACTERISTICS (Tamb =25
°C, VCC = 10V, RL = 10KΩ,RG = 600Ω,GV=0dB,
f = 1KHz unless otherwise specified) (refer to the test circuit)
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
SUPPLY
VS
Supply Voltage
8
10
11
V
IS
Supply Current
15
20
mA
SVR
Ripple Rejection
55
80
dB
INPUT SELECTORS
RII
Input Resistance
Single Ended inputs
30
50
70
K
Differential Inputs
10
20
K
VCL
Clipping Level
Single Ended Inputs
2.3
2.8
Vrms
Differential Inputs
4.6
5.6
Vrms
CMRR
Common Mode Rejection
Differential Inputs
65
dB
INS
Input Separation (2)
70
90
dB
RL
Output Load resistance
2
K
CL
Output Load capacitance
1
nF
RO
Output Impedance
15
50
GIN
Input Gain
Single Ended Inputs
-1
0
1
dB
differential Inputs
-7
-6
-5
dB
VOLUME CONTROL
RIN
Input Resistance
15
30
k
GR
Control Range
Max. Attenuation
– 75
dB
Max. Gain
+11.25
dB
ASTEP
Step Resolution
1.25
dB
EA
Attenuation Set Error
AV = +11.25 to -20dB
AV = -20 to -60dB
-1.25
-3
0
1.25
2
dB
dB
ET
Tracking Error
2dB
VDC
DC Steps
adjacent attenuation steps
From 0dB to AVmax
0
1
3.0
10.0
mV
mV
Vimax.
Max. Input Voltage
2.3
2.8
Vrms
SPEAKER ATTENUATORS
AR
Control Range
37.5
dB
Astep
Step Resolution
1.25
dB
EA
Attenuation set error
1.5
dB
VDC
DC Steps
adjacent att. steps
from 0 to mute
0
1
mV
mV
BASS CONTROL (1)
Control Range
+20
dB
Step Resolution
2
dB
Attenuation / Gain set error
–2.0
2.0
dB
TREBLE CONTROL (1)
Control Range
+14
dB
Step Resolution
2.0
dB
Attenuation / Gain set error
–1.0
0
1.0
dB
TDA7311
4/11



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com