Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7311 Datasheet(PDF) 6 Page - STMicroelectronics

Part # TDA7311
Description  SERIAL BUS CONTROLLED AUDIO PROCESSOR
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7311 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button TDA7311 Datasheet HTML 2Page - STMicroelectronics TDA7311 Datasheet HTML 3Page - STMicroelectronics TDA7311 Datasheet HTML 4Page - STMicroelectronics TDA7311 Datasheet HTML 5Page - STMicroelectronics TDA7311 Datasheet HTML 6Page - STMicroelectronics TDA7311 Datasheet HTML 7Page - STMicroelectronics TDA7311 Datasheet HTML 8Page - STMicroelectronics TDA7311 Datasheet HTML 9Page - STMicroelectronics TDA7311 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
APPLICATION INFORMATION
SERIAL BUS INTERFACE
The serial bus interface is compatible to SPI bus
systems.
During the LOW state of the chip enable signal
(CE) the data on pin DA are clocked into the shift
register at the LOW to HIGH transition of the
clock signal CL.
At the LOW to HIGH transition of the CE signal
the content of the internal shift register is stored
into the addressed latches.
The transmission is separated into bytes with 8 bit
according to the data specification of the audio-
processor. After every byte a positive slope of the
CE signal has to be generated in order to store
the data byte.
A special clock counter enables the latch of the
data byte only, if exactly 8 clocks were present
during the LOW state of the CE signal. This re-
sults in a high immunity against spikes on the
clock line and avoids a storage of wrong databy-
tes.
Figure 1: BUS Timing
Nr.
Parameter
Min.
Max.
Units
Clock Frequency
250
KHz
1
CE Lead time
4
µs
2
Clock High Time
2
µs
3
Clock Low Time
2
µs
4
Data Hold Time
1.8
µs
5
Data Setup Time
1.8
µs
6
Clock Setup Time
0
µs
7
CE lagtime
0
µs
8
Clock Hold Time
6
µs
9
CE High TIme
6
µs
TDA7311
6/11



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com