Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

08C02SS Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # 08C02SS
Description  Low-Frequency General-Purpose Amplifier Applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

08C02SS Datasheet(HTML) 1 Page - Sanyo Semicon Device

  08C02SS Datasheet HTML 1Page - Sanyo Semicon Device 08C02SS Datasheet HTML 2Page - Sanyo Semicon Device 08C02SS Datasheet HTML 3Page - Sanyo Semicon Device 08C02SS Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
08C02SS
No.8513-1/4
Applications
•
Low-frequency Amplifer, high-speed switching, DC / DC converter, muting circuit.
Features
•
Large current capacitance.
•
Low collector-to-emitter saturation voltage (resistance): RCE(sat) typ=240mΩ [IC=1A, IB=50mA].
•
Ultrasmall package facilitates miniaturization in end products.
Specifications
Absolute Maximum Ratings at Ta=25
°C
Parameter
Symbol
Conditions
Ratings
Unit
Collector-to-Base Voltage
VCBO
15
V
Collector-to-Emitter Voltage
VCEO
8V
Emitter-to-Base Voltage
VEBO
5V
Collector Current
IC
0.8
A
Collector Current (Pulse)
ICP
1.6
A
Collector Dissipation
PC
Mounted on a glass epoxy board (20!30!1.6mm)
200
mW
Junction Temperature
Tj
150
°C
Storage Temperature
Tstg
--55 to +150
°C
Electrical Characteristics at Ta=25
°C
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
Collector Cutoff Current
ICBO
VCB=12V, IE=0A
100
nA
Emitter Cutoff Current
IEBO
VEB=4V, IC=0A
100
nA
DC Current Gain
hFE
VCE=2V, IC=50mA
300
800
Gain-Bandwidth Product
fT
VCE=2V, IC=50mA
440
MHz
Output Capacitance
Cob
VCB=10V, f=1MHz
6
pF
Collector-to-Emitter Saturation Voltage
VCE(sat)
IC=30mA, IB=0.6mA
17
40
mV
Collector-to-Emitter Saturation Voltage
VCE(sat)
IC=400mA, IB=20mA
110
250
mV
Base-to-Emitter Saturation Voltage
VBE(sat)
IC=400mA, IB=20mA
0.9
1.2
V
Collector-to-Base Breakdown Voltage
V(BR)CBO
IC=10µA, IE=0A
15
V
Collector-to-Emitter Breakdown Voltage
V(BR)CEO
IC=1mA, RBE=∞
8V
Emitter-to-Base Breakdown Voltage
V(BR)EBO
IE=10µA, IC=0A
5
V
Marking : YT
SANYO Electric Co.,Ltd. Semiconductor Company
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
Ordering number : EN8513
90505EA MS IM TA-100372
Any and all SANYO products described or contained herein do not have specifications that can handle
applications that require extremely high levels of reliability, such as life-support systems, aircraft's
control systems, or other applications whose failure can be reasonably expected to result in serious
physical and/or material damage. Consult with your SANYO representative nearest you before using
any SANYO products described or contained herein in such applications.
SANYO assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other
parameters) listed in products specifications of any and all SANYO products described or contained
herein.
08C02SS
NPN Epitaxial Planar Silicon Transistor
Low-Frequency General-Purpose
Amplifier Applications


Similar Part No. - 08C02SS

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
08C1002JP VISHAY-08C1002JP Datasheet
132Kb / 6P
NTC Thermistors Coated
22-Sep-04
08C1003FP VISHAY-08C1003FP Datasheet
132Kb / 6P
NTC Thermistors Coated
22-Sep-04
08C1003SPB5 VISHAY-08C1003SPB5 Datasheet
132Kb / 6P
NTC Thermistors Coated
22-Sep-04
08C1003SPC3 VISHAY-08C1003SPC3 Datasheet
132Kb / 6P
NTC Thermistors Coated
22-Sep-04
08C1503FF VISHAY-08C1503FF Datasheet
91Kb / 5P
NTC Thermistors, Radial Leaded and Coated
24-Sep-15
More results

Similar Description - 08C02SS

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
EC3101C SANYO-EC3101C Datasheet
35Kb / 4P
Low-Frequency General-Purpose Amplifier Applications
12A02CH SANYO-12A02CH Datasheet
41Kb / 4P
Low-Frequency General-Purpose Amplifier Applications
12A01C SANYO-12A01C Datasheet
31Kb / 4P
Low-Frequency General-Purpose Amplifier Applications
12A01S SANYO-12A01S Datasheet
32Kb / 4P
Low-Frequency General-Purpose Amplifier Applications
12A01SS SANYO-12A01SS Datasheet
32Kb / 4P
Low-Frequency General-Purpose Amplifier Applications
15C01M SANYO-15C01M Datasheet
32Kb / 4P
Low-Frequency General-Purpose Amplifier Applications
12A02MH SANYO-12A02MH Datasheet
32Kb / 4P
Low-Frequency General-Purpose Amplifier Applications
50C02CH SANYO-50C02CH Datasheet
56Kb / 4P
Low-Frequency General-Purpose Amplifier Applications
logo
Unisonic Technologies
2SK303 UTC-2SK303_11 Datasheet
131Kb / 2P
LOW-FREQUENCY GENERAL-PURPOSE AMPLIFIER APPLICATIONS
logo
Sanyo Semicon Device
15C01SS SANYO-15C01SS_12 Datasheet
514Kb / 6P
Low-Frequency General-Purpose Amplifier Applications
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com