Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

08C02SS Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # 08C02SS
Description  Low-Frequency General-Purpose Amplifier Applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

08C02SS Datasheet(HTML) 2 Page - Sanyo Semicon Device

  08C02SS Datasheet HTML 1Page - Sanyo Semicon Device 08C02SS Datasheet HTML 2Page - Sanyo Semicon Device 08C02SS Datasheet HTML 3Page - Sanyo Semicon Device 08C02SS Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
08C02SS
No.8513-2/4
Package Dimensions
unit : mm
7029-002
0.25
0.2
1.4
0.45
1
3
2
0.1
2
3
1
Top View
Bottom View
1 : Base
2 : Emitter
3 : Collector
SANYO : SSFP
hFE -- IC
IC -- VBE
Base-to-Emitter Voltage, VBE -- V
Collector Current, IC -- mA
VCE(sat) -- IC
Collector Current, IC -- mA
VCE(sat) -- IC
Collector Current, IC -- mA
200
400
600
1000
800
0
0.2
0.4
0.6
0.8
1.0
1.2
0
100
2
3
5
7
1000
1.0
23
5
7
23
5
7
23
5
7
10
100
1000
IT05681
IT05680
VCE=2V
VCE=2V
Ta=75
°C
--25
°C
25
°C
1.0
23
5 7
23
5 7
23
5 7
10
100
1000
10
5
7
100
2
3
2
3
5
5
7
IT05682
IC / IB=50
Ta=75
°C
--25
°C
1.0
23
5 7
23
5 7
23
5 7
10
100
1000
10
1.0
100
2
3
5
1000
7
2
3
5
7
2
3
5
7
IT05683
IC / IB=20
Ta=75
°C
--25
°C
25
°C



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com