Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7315 Datasheet(PDF) 7 Page - STMicroelectronics

Part # TDA7315
Description  DIGITAL CONTROLLED AUDIO PROCESSOR
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7315 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button TDA7315 Datasheet HTML 3Page - STMicroelectronics TDA7315 Datasheet HTML 4Page - STMicroelectronics TDA7315 Datasheet HTML 5Page - STMicroelectronics TDA7315 Datasheet HTML 6Page - STMicroelectronics TDA7315 Datasheet HTML 7Page - STMicroelectronics TDA7315 Datasheet HTML 8Page - STMicroelectronics TDA7315 Datasheet HTML 9Page - STMicroelectronics TDA7315 Datasheet HTML 10Page - STMicroelectronics TDA7315 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
SOFTWARE SPECIFICATION
Interface Protocol
The interface protocol comprises:
A start condition (S)
A chip address byte, containing the TDA7315
address (the 8th bit of the byte must be 0). The
TDA7315 must always acknowledge at the end
of each transmitted byte.
A sequence of data (N-bytes + acknowledge)
A stop condition (P)
TDA7315 ADDRESS
MSB
first byte
LSB
MSB
LSB
MSB
LSB
S
1
0
0
0
0000
ACK
DATA
ACK
DATA
ACK P
Data Transferred (N-bytes + Acknowledge)
ACK = Acknowledge
S = Start
P = Stop
MAX CLOCK SPEED 100kbits/s
SOFTWARE SPECIFICATION
Chip address = 80 Hex
1
MSB
00
00
000
LSB
DATA BYTES
MSB
LSB
FUNCTION
0
1
1
0
0
0
0
0
0
1
1
1
B2
0
1
0
1
1
B1
B1
B1
X
0
1
B0
B0
B0
X
C3
C3
A2
A2
A2
L
C2
C2
A1
A1
A1
X
C1
C1
A0
A0
A0
X
C0
C0
Volume control
Speaker ATT L
Speaker ATT R
Loudness
Bass control
Treble control
Ax = 1.25dB steps; Bx = 10dB steps; Cx = 2dB steps; X = don‘t care.
Figure 15: Typical Tone Response (with the ext.
components indicated in the test
circuit)
TDA7315
7/12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com