Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7315 Datasheet(PDF) 8 Page - STMicroelectronics

Part # TDA7315
Description  DIGITAL CONTROLLED AUDIO PROCESSOR
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7315 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button TDA7315 Datasheet HTML 4Page - STMicroelectronics TDA7315 Datasheet HTML 5Page - STMicroelectronics TDA7315 Datasheet HTML 6Page - STMicroelectronics TDA7315 Datasheet HTML 7Page - STMicroelectronics TDA7315 Datasheet HTML 8Page - STMicroelectronics TDA7315 Datasheet HTML 9Page - STMicroelectronics TDA7315 Datasheet HTML 10Page - STMicroelectronics TDA7315 Datasheet HTML 11Page - STMicroelectronics TDA7315 Datasheet HTML 12Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
SOFTWARE SPECIFICATION (continued)
DATA BYTES (detailed description)
Volume
MSB
LSB
FUNCTION
0
0
B2
B1
B0
A2
A1
A0
Volume 1.25dB steps
0
0
0
0
1
1
1
1
0
0
1
1
0
0
1
1
0
1
0
1
0
1
0
1
0
-1.25
-2.5
-3.75
-5
-6.25
-7.5
-8.75
0
0
B2
B1
B0
A2
A1
A0
Volume 10dB steps
0
0
0
0
1
1
1
1
0
0
1
1
0
0
1
1
0
1
0
1
0
1
0
1
0
-10
-20
-30
-40
-50
-60
-70
For example a volume of -45dB is given by:
00100 100
Speaker Attenuators
MSB
LSB
FUNCTION
1
1
0
0
0
1
B1
B1
B0
B0
A2
A2
A1
A1
A0
A0
Speaker L
Speaker R
0
0
0
0
1
1
1
1
0
0
1
1
0
0
1
1
0
1
0
1
0
1
0
1
0
-1.25
-2.5
-3.75
-5
-6.25
-7.5
-8.75
0
0
1
1
0
1
0
1
0
-10
-20
-30
11111
Mute
For example attenuation of 25dB on speaker R is given by:
10110 100
TDA7315
8/12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com