Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7317 Datasheet(PDF) 7 Page - STMicroelectronics

Part # TDA7317
Description  FIVE BANDS DIGITAL CONTROLLED GRAPHIC EQUALIZER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7317 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button TDA7317 Datasheet HTML 3Page - STMicroelectronics TDA7317 Datasheet HTML 4Page - STMicroelectronics TDA7317 Datasheet HTML 5Page - STMicroelectronics TDA7317 Datasheet HTML 6Page - STMicroelectronics TDA7317 Datasheet HTML 7Page - STMicroelectronics TDA7317 Datasheet HTML 8Page - STMicroelectronics TDA7317 Datasheet HTML 9Page - STMicroelectronics TDA7317 Datasheet HTML 10Page - STMicroelectronics TDA7317 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
SOFTWARE SPECIFICATION
Interface Protocol
The interface protocol comprises:
A start condition (s)
A chip address byte, containing the TDA7317
address (the 8th bit of the byte must be 0). The
TDA7317 must always acknowledge at the end
of each transmitted byte.
A sequence of data (N-bytes + acknowledge)
A stop condition (P)
TDA7316 ADDRESS
MSB
first byte
LSB
MSB
LSB
MSB
LSB
S
1
00
0
0
1A
0
ACK
DATA
ACK
DATA
ACK P
Data Transferred (N-bytes + Acknowledge)
ACK = Acknowledge
S = Start
P = Stop
MAX CLOCK SPEED 100kbits/s
SOFTWARE SPECIFICATION
Chip address (84 or 86 Hex)
1
MSB
00
00
1
A
0
LSB
A = Logic level on pin ADDR
A = 1 if ADDR pin = open
A = 0 if ADDR pin = connected to ground
SOFTWARE SPECIFICATION (continued)
DATA BYTES (detailed description)
Volume
MSB
LSB
FUNCTION
0
X
B2
B1
B0
A2
A1
A0
Volume 0.375dB steps
0
0
0
0
1
1
1
1
0
0
1
1
0
0
1
1
0
1
0
1
0
1
0
1
0
-0.375
-0.75
-1.125
-1.5
-1.875
-2.25
-2.625
0
X
B2
B1
B0
A2
A1
A0
Volume -3dB steps
0
0
0
0
1
1
0
0
1
1
0
0
0
1
0
1
0
1
0
-3
-6
-9
-12
-15
TDA7317
7/12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com