Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7317 Datasheet(PDF) 8 Page - STMicroelectronics

Part # TDA7317
Description  FIVE BANDS DIGITAL CONTROLLED GRAPHIC EQUALIZER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7317 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button TDA7317 Datasheet HTML 4Page - STMicroelectronics TDA7317 Datasheet HTML 5Page - STMicroelectronics TDA7317 Datasheet HTML 6Page - STMicroelectronics TDA7317 Datasheet HTML 7Page - STMicroelectronics TDA7317 Datasheet HTML 8Page - STMicroelectronics TDA7317 Datasheet HTML 9Page - STMicroelectronics TDA7317 Datasheet HTML 10Page - STMicroelectronics TDA7317 Datasheet HTML 11Page - STMicroelectronics TDA7317 Datasheet HTML 12Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
APPLICATION INFORMATION
A typical application is indicated in figure 4, while
the P.C. Board and components layout are re-
ported in figure 5. The external components, are
calculated for 2 different max boost/cut conditions
Graphic Equalizer
MSB
LSB
FUNCTION
1
D3D2
D1D0
S2
C1
C0
0
0
0
0
1
0
0
1
1
0
0
1
0
1
0
Band 1
Band 2
Band 3
Band 4
Band 5
D3
D3
D2
D2
D1
D1
1
0
C2
C2
C1
C1
C0
C0
cut
Boost
0
0
0
0
1
1
1
1
0
0
1
1
0
0
1
1
0
1
0
1
0
1
0
1
0dB
2dB
4dB
6dB
8dB
10dB
12dB
14dB
AX = 0.375dB steps, BX = 3dB steps, CX = 2dB steps, X = dont’care
STATUS AFTER POWER-ON RESET
Volume
-17.25dB
Graphic equalizer bands
-12dB
TABLE 1: Max Boost/cut = 20 dB (each cell =
±14dB)
F (HZ)
Q
R1 (K
Ω)R2 (KΩ)
C1 (nF)
C2 (nF)
Av max (dB)
BAND 1
10363.38
1.49
47
5.1
0.820
1.2
13.52
BAND 2
261.03
1.49
47
5.1
33
47
13.63
BAND 3
1036.34
1.49
47
5.1
8.2
12
13.52
BAND 4
3168.08
1.49
47
5.1
2.7
3.9
13.57
BAND 5
59.75
1.11
43
7.5
220
100
13.88
For THD performance the sequence Band 1, 2, 3, 4, 5, is recommended
TABLE2: Max Boost/cut = 17dB (each cell =
±12dB)
F (HZ)
Q
R1 (K
Ω)R2 (KΩ)
C1 (nF)
C2 (nF)
Av max (dB)
BAND 1
10158.00
1.15
33
6.2
1.2
1
11.83
BAND 2
250.81
1.21
30
5.1
47
56
11.33
BAND 3
977.34
1.20
39
6.8
10
10
11.75
BAND 4
3429.00
1.25
39
6.2
2.7
3.3
11.67
BAND 5
61.82
1.15
33
6.2
180
180
11.27
TDA7317
8/12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com