Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7319 Datasheet(PDF) 2 Page - STMicroelectronics

Part # TDA7319
Description  3 BAND DIGITAL CONTROLLED AUDIO PROCESSOR
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7319 Datasheet(HTML) 2 Page - STMicroelectronics

  TDA7319 Datasheet HTML 1Page - STMicroelectronics TDA7319 Datasheet HTML 2Page - STMicroelectronics TDA7319 Datasheet HTML 3Page - STMicroelectronics TDA7319 Datasheet HTML 4Page - STMicroelectronics TDA7319 Datasheet HTML 5Page - STMicroelectronics TDA7319 Datasheet HTML 6Page - STMicroelectronics TDA7319 Datasheet HTML 7Page - STMicroelectronics TDA7319 Datasheet HTML 8Page - STMicroelectronics TDA7319 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
VS
Operating Supply Voltage
10.5
V
Tamb
Operating Ambient Temperature
-40 to 85
°C
Tstg
Storage Temperature Range
-55 to 150
°C
THERMAL DATA
Symbol
Parameter
DIP20
SO20
Unit
Rth j-amb
Thermal Resistance Junction-pins
150
150
°C/W
QUICK REFERENCE DATA
Symbol
Parameter
Min.
Typ.
Max.
Unit
VS
Supply Voltage
6
9
10.5
V
VCL
Max. input signal handling
2
Vrms
THD
Total Harmonic Distortion V = 1Vrms f = 1KHz
0.01
0.08
%
S/N
Signal to Noise Ratio
106
dB
SC
Channel Separation f = 1KHz
100
dB
1st and 2nd Volume Control 1dB step
-47
0
dB
Bass, Middle and Treble Control 1dB step
-14
+14
dB
Mute Attenuation
100
dB
VS
IN L
TREBLE L
MIN L
M OUT L
B OUT L
BIN L
OUT L
SDA
1
3
2
4
5
6
7
8
9
GND
OUT R
B OUT R
M OUT R
BIN R
MINR
TREBLE R
IN R
CREF
20
19
18
17
16
14
15
13
12
D93AU041A
SCL
10
DIG GND
11
PIN CONNECTION
TDA7319
2/16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com