Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7319 Datasheet(PDF) 4 Page - STMicroelectronics

Part # TDA7319
Description  3 BAND DIGITAL CONTROLLED AUDIO PROCESSOR
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7319 Datasheet(HTML) 4 Page - STMicroelectronics

  TDA7319 Datasheet HTML 1Page - STMicroelectronics TDA7319 Datasheet HTML 2Page - STMicroelectronics TDA7319 Datasheet HTML 3Page - STMicroelectronics TDA7319 Datasheet HTML 4Page - STMicroelectronics TDA7319 Datasheet HTML 5Page - STMicroelectronics TDA7319 Datasheet HTML 6Page - STMicroelectronics TDA7319 Datasheet HTML 7Page - STMicroelectronics TDA7319 Datasheet HTML 8Page - STMicroelectronics TDA7319 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
ELECTRICAL CHARACTERISTICS (continued)
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
GENERAL
eNO
Output Noise
All Gains 0dB (B = 20 to 20kHz flat)
5
15
µV
Et
Total Tracking Error
AV = 0 to -24dB
0
1
dB
AV = -24 to -47dB
0
2
dB
S/N
Signal to Noise Ratio
All Gains = 0dB; VO =1Vrms
106
dB
SC
Channel Separation
80
100
dB
d
Distortion
AV =0; Vin =1Vrms
0.01
0.08
%
BUS INPUTS
Vil
Input Low Voltage
1V
Vih
Input High Voltage
3
V
Iin
Input Current
Vin = 0.4V
-5
5
µA
VO
Output Voltage SDA
Acknowledge
IO = 1.6mA
0.4
0.8
V
Note 1: the device is functionally good at Vs = 5V. A step down, on VS, to 4V does’t reset the device.
APPLICATION SUGGESTIONS
The first and the last stages are volume control
blocks. The control range is 0 to -47dB (mute)
with a 1dB step.
The very high resolution allows the implementation
of systems free from any noisy acoustical effect.
The TDA7319 audioprocessor provides 3 bands
tones control.
Bass, Middle Stages
The Bass and the middle cells have the same
structure.
The Bass cell has an internal resistor Ri = 44K
Ω
typical.
The Middle cell has an internal resistor Ri = 25K
Ω
typical.
Several filter types can be implemented, connect-
ing external components to the Bass/Middle IN
and OUT pins.
The fig.1 refers to basic T Type Bandpass Filter
starting from the filter component values (R1 in-
ternal and R2,C1,C2 external) the centre fre-
quency Fc, the gain Av at max. boost and the fil-
ter Q factor are computed as follows:
FC
=
1
2
⋅ π ⋅√
Ri, R2, C1, C2
AV =
R2 C2
+ R2 C1 + Ri C1
R2 C1
+ R2 C2
Q
= √
Ri R2
+ C1 C2
R2 C1
+ R2 C2
Viceversa, once Fc, Av, and Ri internal value are
fixed, the external components values will be:
C1
=
AV − 1
2
⋅ π ⋅ Ri ⋅ Q
C2
=
Q
2
⋅ C1
AV
− 1Q2
R2
=
AV
− 1 − Q2
2
⋅ π ⋅ C1 ⋅ FC ⋅ (AV − 1) ⋅Q
Treble Stage
The treble stage is a high pass filter whose time
constant is fixed by an internal resistor (25K
Ω
typical) and an external capacitor connected be-
tween treble pins and ground
Typical responses are reported in Figg. 10 to 13.
CREF
The suggested 10
µF reference capacitor (CREF)
value can be reduced to 4.7
µF if the application
requires faster power ON.
Ri internal
C2
OUT
IN
C1
R2
D95AU313
Figure 1.
TDA7319
4/16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com