Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7331 Datasheet(PDF) 2 Page - STMicroelectronics

Part # TDA7331
Description  SINGLE CHIP RDS DEMODULATOR FILTER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7331 Datasheet(HTML) 2 Page - STMicroelectronics

  TDA7331 Datasheet HTML 1Page - STMicroelectronics TDA7331 Datasheet HTML 2Page - STMicroelectronics TDA7331 Datasheet HTML 3Page - STMicroelectronics TDA7331 Datasheet HTML 4Page - STMicroelectronics TDA7331 Datasheet HTML 5Page - STMicroelectronics TDA7331 Datasheet HTML 6Page - STMicroelectronics TDA7331 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
MPX
VREF
OSEL
FILOUT
GND
N.C.
N.C.
N.C.
OSCOUT
1
3
2
4
5
6
7
8
9
RDCL
RDDA
QUAL
VS
ARI
N.C.
FSEL
TM
EXTRES
20
19
18
17
16
14
15
13
12
D97AU687
OSCIN
10
T57
11
PIN CONNECTION
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
VS
Supply Voltage
7
V
Top
Operating Temperature Range
-40 to 85
°C
Tstg
Storage Temperature
-55 to 150
°C
PIN FUNCTION
N
o pin
Name
Functional description
1
MPX
RDS input signal
2
VREF
Reference voltage
3
OSEL
Oscillator selector pin: - open, or closed to Vs = quartz oscillator
- closed to GND = external driven
4
FILOUT
Filter output
5
GND
Ground
6
nc
Not connected
7
nc
Not connected
8
nc
Not connected
9
OSCOUT
Oscillator output
10
OSCIN
Oscillator input
11
T57
Testing output pin: 57kHz clock output
12
RDCL
RDS clock output 1187.5Hz
13
RDDA
RDS data output
14
QUAL
Output for signal quality indication (High = good)
15
ARI
Output for ARI indication: - high when RDS+ARI are present
- high when only ARI is present
- low when only RDS is present
- undefined when nos signal is present
16
Vs
Supply voltage
17
nc
Not connected
18
FSEL
Frequency selector pin: - 100K to VS = 17.328MHz
- open = 4.332MHz
- closed to VS = 8.664MHz
19
TM
Test mode pin:
- open = normal operation
- closed to VS = testmode
20
EXTRES
Reset pin: - open = run mode
- closed to VS = reset condition
TDA7331
2/7



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com