Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7331 Datasheet(PDF) 4 Page - STMicroelectronics

Part # TDA7331
Description  SINGLE CHIP RDS DEMODULATOR FILTER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7331 Datasheet(HTML) 4 Page - STMicroelectronics

  TDA7331 Datasheet HTML 1Page - STMicroelectronics TDA7331 Datasheet HTML 2Page - STMicroelectronics TDA7331 Datasheet HTML 3Page - STMicroelectronics TDA7331 Datasheet HTML 4Page - STMicroelectronics TDA7331 Datasheet HTML 5Page - STMicroelectronics TDA7331 Datasheet HTML 6Page - STMicroelectronics TDA7331 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
OUTPUT TIMING
The RDS (1187.5Hz) output clock on RDCL line
is synchronized to the incoming data.
According to the internal PLL lock condition data
change can result on the falling or on the rising
clock edge. (see Fig. 1)
Whichever clock edge is used by the decoder
(rising or falling edge) the data will remain valid
for 416.7
µsec after the clock transition.
OSCILLATOR CONTROLS (FSEL, OSEL)
Three different crystal frequencies can be used.
The adaption of the internal clock divider to the
external crystal is achieved via the input pin
FSEL. See the followings table for reference:
Crystal
FSEL (pin configuration)
4.332MHz
8.664MHz
17.328MHz
connected to GND or open
connected to Vs
external resistor of 100K to Vs
A special mode is introduced to reduce EMI. With
pin OSEL connected to GND the internal oscilla-
tor is switched off and an external sinusoidal fre-
quency could be applied on OSCIN. The peak to
peak voltage of this signal can be reduced down
to 60mV.
In this mode the frequency selection via FSEL is
still active.
Suggested values of C1 and C2 are shown in the
following table:
Crystal
C1
C2
4.332MHz
8.664MHz
17.328MHz
27pF
27pF
27pF
47pF
-
-
Figure 1. RDS timing diagram
CLOCK
LINE
DATA
LINE
TDA7331
4/7



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com