Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7336 Datasheet(PDF) 1 Page - STMicroelectronics

Part # TDA7336
Description  STEREO PREAMP AMS DOLBY B* NOISE REDUCTION PROCESSOR
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7336 Datasheet(HTML) 1 Page - STMicroelectronics

  TDA7336 Datasheet HTML 1Page - STMicroelectronics TDA7336 Datasheet HTML 2Page - STMicroelectronics TDA7336 Datasheet HTML 3Page - STMicroelectronics TDA7336 Datasheet HTML 4Page - STMicroelectronics TDA7336 Datasheet HTML 5Page - STMicroelectronics TDA7336 Datasheet HTML 6Page - STMicroelectronics TDA7336 Datasheet HTML 7Page - STMicroelectronics TDA7336 Datasheet HTML 8Page - STMicroelectronics TDA7336 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
TDA7336
STEREO PREAMP + AMS + DOLBY B*
NOISE REDUCTION PROCESSOR
DUAL CHANNEL PROCESSOR FOR PLAY-
BACK APPLICATIONS.
STEREO DOLBY B NR SYSTEM
LOW NOISE HEAD PREAMPLIFIER
MUTE,
AMS
(AUDIO
MUSIC
SENSOR)
FUNCTIONS
INTERNAL SWITCHES FOR EQUALIZATION
DOLBY
REFERENCE
LEVEL
-6dBm
(388.2mVRMS)
MINIMUM NUMBER OF EXTERNAL COMPO-
NENTS
LOW SUPPLY CURRENT (18mA)
MIXED BIPOLAR/CMOS TECHNOLOGY
DESCRIPTION
The TDA7336 is a monolithic BICmos IC de-
signed for use in stereo cassette player systems.
The device includes two separate audio channels
composed by low noise preamplifier, Dolby B
noise reduction system and Audio Music Sensor.
The dual preamplifier contains mute, metal/nor-
mal facilities for amplification of low level signal in
applications requiring very low noise perform-
ances.
Each channel consists of two cascaded opera-
tional amplifiers.
The first one, AMP1, has a fixed gain of 36dB,
and allows magnetic heads connection directly to
ground. The second one, AMP2, is a standard op-
erational amplifier whose equalizing external
components fix the frequency response.
The Audio Music Sensor circuit detects the inter-
program space and then the starting point of mu-
sical programs (the interprogram time and pro-
gram detection time are externally selectable).
The device contains Dolby B decoder NR chains
requiring very few external components and do
not require coils.
* Dolby B and the Double-D symbol are
trademarks of Dolby Laboratories Li-
censing Corporation, San Francisco,
California 94103-4813, USA.
This device is available only to Licens-
ing and application information may be
obtained from Dolby Lab.
November 1999
®
DINL
AMS SW
INTP
INTS
MUTE
DOUTL
TCL
IREF
N.C.
1
3
2
4
5
6
7
8
9
Vs
VREF
DOUTR
NR SW
TCR
AMSGin
AMSOUT
GND DIG
DINR
23
22
21
20
19
17
18
16
15
D94AU052
10
11
12
13
14
28
27
26
25
24
GND
INL
EQLI
EQLO
OUTL
OUTR
EQRO
EQRI
INR
EQ.SW
PIN CONNECTION (Top view)
SO28
ORDERING NUMBER: TDA7336
1/20


Similar Part No. - TDA7336

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7330 STMICROELECTRONICS-TDA7330 Datasheet
114Kb / 9P
SINGLE CHIP RDS DEMODULATOR FILTER
Nov-1999
TDA7330 STMICROELECTRONICS-TDA7330 Datasheet
1Mb / 9P
SINGLE CHIP RDS DEMODULATOR FILTER
Nov-1999
TDA7330B STMICROELECTRONICS-TDA7330B Datasheet
114Kb / 9P
SINGLE CHIP RDS DEMODULATOR FILTER
Nov-1999
TDA7330BD STMICROELECTRONICS-TDA7330BD Datasheet
114Kb / 9P
SINGLE CHIP RDS DEMODULATOR FILTER
Nov-1999
TDA7330BD STMICROELECTRONICS-TDA7330BD Datasheet
1Mb / 9P
SINGLE CHIP RDS DEMODULATOR FILTER
Nov-1999
More results

Similar Description - TDA7336

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2063A NJRC-NJM2063A Datasheet
116Kb / 2P
DOLBY B-TYPE NOISE REDUCTION PROCESSOR
NJM2065A NJRC-NJM2065A Datasheet
132Kb / 3P
DOLBY B-C TYPE NOISE REDUCTION PROCESSOR?
NJM2185A NJRC-NJM2185A Datasheet
175Kb / 6P
DOLBY B-TYPE NOISE REDUCTION PROCESSOR
NJM2186 NJRC-NJM2186 Datasheet
81Kb / 11P
DOLBY S-TYPE NOISE REDUCTION PROCESSOR
logo
NTE Electronics
NTE2003 NTE-NTE2003 Datasheet
23Kb / 2P
Integrated Circuit Dolby B-Type Noise Reduction Processor
logo
STMicroelectronics
TDA7335 STMICROELECTRONICS-TDA7335 Datasheet
427Kb / 20P
STEREO PREAMP AMS DOLBY B* NOISE REDUCTION PROCESSOR
Nov-1999
logo
Sony Corporation
CXA1917AM SONY-CXA1917AM Datasheet
396Kb / 16P
Dolby S type Noise Reduction Processor
logo
Samsung semiconductor
KA2271 SAMSUNG-KA2271 Datasheet
289Kb / 7P
DOLBY B TYPE NOISE REDUCTION PROCESSOR
logo
National Semiconductor ...
LM1112 NSC-LM1112 Datasheet
203Kb / 6P
DOLBY B-TYPE NOISE REDUCTION PROCESSOR
LM1131 NSC-LM1131 Datasheet
186Kb / 5P
DUAL DOLBY B-TYPE NOISE REDUCTION PROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com