Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7336 Datasheet(PDF) 10 Page - STMicroelectronics

Part # TDA7336
Description  STEREO PREAMP AMS DOLBY B* NOISE REDUCTION PROCESSOR
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7336 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button TDA7336 Datasheet HTML 6Page - STMicroelectronics TDA7336 Datasheet HTML 7Page - STMicroelectronics TDA7336 Datasheet HTML 8Page - STMicroelectronics TDA7336 Datasheet HTML 9Page - STMicroelectronics TDA7336 Datasheet HTML 10Page - STMicroelectronics TDA7336 Datasheet HTML 11Page - STMicroelectronics TDA7336 Datasheet HTML 12Page - STMicroelectronics TDA7336 Datasheet HTML 13Page - STMicroelectronics TDA7336 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
PINS DESCRIPTION: Internal Configuration
ELECTRICAL COMPONENT DESCRIPTION (see figure 1)
COMPONENT
RECOMMENDED
VALUE
PURPOSE
P
R
E
A
M
P
TR1,TR2
C1,C2
C3,C4
R1,R2
R3,R5
R4,R6
1K
Ω
1
µF
10nF
1.2K
Ω
6.8K
Ω
300K
Ω
Left/Right Channel IN/OUT equalizer filter
TR fixes the gain
150msec NORMAL
70
µsec METAL
C5,C6
0.33
µF ±10%
Preamplifier out to Dolby B input coupling capacitor
A
M
S
R8
C8
10K
Ω
0.22
µF
Define the AMS input threshold level
Vin ⋅
101K
+ R8
1K
+ R8
⋅ 1.5> 1V
where Vin =(Vright +Vleft)/2
R7
C7
470K
Ω
0.1
µF
Set the interprogram detection time:
INTP = 70 x 10
-3
x
C7[
µF] = [sec]
R9
C9
100K
Ω
1
µF
Set the interspace detection time:
INTS = 0.69 x C9x R9 sec
C15
100nF
It fixes music search reset time;
Tres = 0.122 x C15[
µF] = [sec] if C15 expressed in µF
D
O
L
B
Y
C10,C11
0.68
µF ±10%
Dolby output coupling capacitors
C12,C13
4.7
µF ±10%
Dolby time constants
C14
4.7
µF
Reference voltage external capacitor
R11
43K
Ω
It fixes the Iref current
C16
R16
0.1
µF
30K
Ω
If fixes the mute time (typ 10msec).
Figure 5: PINS: 2 - 27
Figure 6: PINS: 6 - 23
TDA7336
10/20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com