Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7339 Datasheet(PDF) 4 Page - STMicroelectronics

Part # TDA7339
Description  3 BAND DIGITAL CONTROLLED AUDIO PROCESSOR
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7339 Datasheet(HTML) 4 Page - STMicroelectronics

  TDA7339 Datasheet HTML 1Page - STMicroelectronics TDA7339 Datasheet HTML 2Page - STMicroelectronics TDA7339 Datasheet HTML 3Page - STMicroelectronics TDA7339 Datasheet HTML 4Page - STMicroelectronics TDA7339 Datasheet HTML 5Page - STMicroelectronics TDA7339 Datasheet HTML 6Page - STMicroelectronics TDA7339 Datasheet HTML 7Page - STMicroelectronics TDA7339 Datasheet HTML 8Page - STMicroelectronics TDA7339 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
ELECTRICAL CHARACTERISTICS (continued)
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
AUDIO OUTPUT
Vclip
Clipping Level
d = 0.3%
2
2.6
Vrms
ROl
Output Load Resistance
2
K
RO
Output Impedance
100
180
300
VDC
DC Voltage Level
3.8
V
GENERAL
eNO
Output Noise
All Gains 0dB (B = 20 to 20kHz flat)
5
15
µV
Et
Total Tracking Error
AV = 0 to -24dB
0
1
dB
AV = -24 to -47dB
0
2
dB
S/N
Signal to Noise Ratio
All Gains = 0dB; VO =1Vrms
106
dB
SC
Channel Separation
80
100
dB
d
Distortion
AV =0; Vin =1Vrms
0.01
0.08
%
BUS INPUTS
Vil
Input Low Voltage
1V
Vih
Input High Voltage
3
V
Iin
Input Current
Vin = 0.4V
-5
5
µA
VO
Output Voltage SDA
Acknowledge
IO = 1.6mA
0.4
0.8
V
NOTE 1: the device is functionally good at Vs = 5V. A step down, on VS, to 4V does’t reset the device.
TDA7339
4/12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com